Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R01 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R01
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R01 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
2.13
Serial mode LED
When MII/RMII2 is enabled, there are no enough pins for LED and IP175C/IP175CH sends out LED
information through pin 111 SCLK and pin112 SDATA. It is necessary to use TTL chip to decode and
drive LED. The application Icircuit is shown below.
IP175C/IP175CH supports two types of serial led mode and can be setting by PIN112 or MII register
31.5[1]. The default value is 0 (SERIAL_LED_MODE = 0) and can be setting to 1 by pull up PIN112
(4.7K) or writeing 1 to MII register 31.5[1].
(SERIAL_LED_MODE=1, IP175C/IP175CH supports link, speed, and duplex LED)
74HC164
VDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
B
CLR
VDD
74HC164
VDD
QA
QB
QC
QD
QE
QF
QG
QH
A
CLK
B
CLR
VDD
SDATA
SCLK
PORT 0 LINK/ACT LED
PORT 4 LINK/ACT LED
PORT 3 LINK/ACT LED
PORT 2 LINK/ACT LED
PORT 1 LINK/ACT LED
PORT 4 SPEED LED
PORT 0 SPEED LED
PORT 1 SPEED LED
PORT 2 SPEED LED
PORT 3 SPEED LED
PORT 4 DUP/COL LED
PORT 0 DUP/COL LED
PORT 1 DUP/COL LED
PORT 2 DUP/COL LED
PORT 3 DUP/COL LED
Mar 09, 2007
51/111
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com