Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R01 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R01
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R01 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R01 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
66/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
2.21
MII registers of Switch controller
PHY
MII
ROM
R/W
Description
Default
29
18.15
18.14
2.1
2.0
R/W LED_SEL [1:0]
LED mode selection.
LED_SEL[1:0]=2’b00: LED mode 0,
LED_SEL[1:0]=2’b01: LED mode 1,
LED_SEL[1:0]=2’b10: LED mode 2,
LED_SEL[1:0]=2’b11: LED mode 3 (default)
It is for debug only. User should not update the setting of
LED_SEL pins by writing this registers.
Pin92,
Pin91
X_EN
IEEE 802.3x flow control enable
This signal is used as pause_en for digital parts.
1: enable (default), 0:disable
Default value
TEST2=0
TEST2=1
Pin113 MII2_EN=1 Pin113 MII2_EN=0
29
18.13
4.7
R/W
1
Pin100 X_EN (1)
1
*
BK_EN,
Backpressure enable
1: enable (default), 0: disable
Default value
TEST2=0
TEST2=1
Pin113 MII2_EN=1 Pin113 MII2_EN=0
29
18.12
4.4
R/W
1
Pin100 X_EN (1)
1
*
BF_STM_EN, Broadcast storm enable
1: enable
Drop the incoming packet if the number of queued broadcast
packet is over the threshold. The threshold is defined in MII
register 30.11[15:14].
0: disable (default)
Default value
TEST2=0
TEST2=1
Pin113=1
Pin113 MII2_EN=0
LAT_IN_DIS=1
LAT_IN_DIS=0
29
18.11
4.2
R/W
0
Pin102
BF_STM_EN (0)
0
0
*
MAC_X_EN, flow control enable of MII0 and MII2
1: enable (default),
0: disable
Default value
TEST2=0
TEST2=1
Pin74 P4EXT=1
Pin74 P4EXT =0
29
18.10
4.3
R/W
1
Pin67 MAC_X_EN (1)
0
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com