Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R11 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R11
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R11 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R11 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
30/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
Transceiver
127, 128,
11, 12,
18, 19,
29, 30,
33, 34
RXIP0, RXIM0,
RXIP1, RXIM1,
RXIP2, RXIM2,
RXIP3, RXIM3,
RXIP4, RXIM4
I
TP receive
3, 4,
8, 9,
21, 22,
26, 27,
37, 38
TXOP0, TXOM0,
TXOP1, TXOM1,
TXOP2, TXOM2,
TXOP3, TXOM3,
TXOP4, TXOM4
O
TP transmit
15
BGRES
O
Band gap resister.
It is connected to GND through a 6.19 k ohm resistor. Please
refer to application circuit for more information.
125, 41,
42, 43, 44
NC
I
44
FXSD4
(IP175CH only)
I
100Base-FX Signal detect
Port 4 of IP175C can be configured to TP or FX. If FXSD4 is
connected to SD of a fiber MAU, port 4 is a fiber port. If FXSD4
is tied to GND, the port 4 is a TP port.
If port 4 is defined to be a fiber port, its speed is forced to be
100M and its duplex is defined in its MII register 4.0.8. Please
refer section 2.19 on page 56 for more detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com