Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R11
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IP175C-DS-R11 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
4/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Revision History
Revision #
Change Description
IP175C-API-R01
Advanced Product Information.
IP175C-DS-R01
1. Initial release.
2. The difference between IP175C-API-R01 & IP175C-DS-R01
2-1. Remove SCA.
2-2. RMII clock output pin changed.
2-3. Pin 116: CLK_SEL
REG_HIGH
IP175C-DS-R02
1. Modify RMII1 Pin description.
2. MII Register not compatible to IP175A.
3. Add comparison table of IP175A & IP175C.
IP175C-DS-R03
1. Update page 28 Pin description of X1
2. Add page 99~105
3. Remove POA
4. Remove MII registers PHY 5 and PHY 6
IP175C-DS-R04
1. Change MDC1 from Pin 53 to Pin 113
2. Add the description of MII0_RXCLK and MII0_TXCLK are in phase.
3. Modify the description of bandwidth control Register.
4. REG_HIGH is internally bounded to GND for the linear regulator to generate a 1.8v
voltage source.
IP175C-DS-R05
1. Modify the value of bit [9:4] of register 4 of PHY 0 ~ PHY 4 from 6’h05 to 6’h18.
2. Add REGOUT to DC charasteritic table.
IP175C-DS-R06
1. Add Bandwidth control description.
2. Update REGOUT voltage from 1.8v (±5%) to 1.82v (±6%)
IP175C-DS-R07
1. Add port security in page 31
2. Add notice for different configuration in router application in page 7
3. Add notice for different configuration in Smart Mac application in page 39
4. Change register setting for 30.1[5:0] from 6’h3f to 6’h30 in page 40
5. Change REGOUT voltage from 1.82v (±6%) to 1.70v ~ 1.93v in page 42
6. Modify VIH, VIL in page 97
7. Add reset timing in page 98
8. Change REGOUT voltage from 1.82v (±6%) to 1.70v ~ 1.93v in page 9
9. Change band gap resister from 6.2K to 6.19K in page 27
10. Change led_sel [1:0] from {1,0} to {0,1} in page 30
11. Add AVCC & VCC pin list in page 30
IP175C-DS-R08
1. Remove speed up column in page 49
2. Add in Thermal Data in page 105
3. PHY 30 MII register 12 bit [1] change from * to 1’b1 in page 84
IP175C-DS-R09
1. Add phy_30_reg_12[8] (bw_en_qm) in page 84
2. Add Note on page 1 for CPU
IP175C-DS-R10
1. Add the order information for lead free package
IP175C-DS-R11
1. Change REGOUT voltage upper limit from 1.93v to 2.00v on page 10, 43, 98
2. Change VCC upper limit to 2.00 on page 98
3. Add “All ports link at 10Mbps mode” to REG_OUT Conditions on page 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com