Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R11 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R11
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R11 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R11 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175C-DS-R11 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
Pin description (continued)
Pin No.
Label
Type
Description
Dual color mode LED (It is active when LED_SEL[1:0] is {0,1}.)
110, 107,
104, 101,
96
LED_LINK[4:0]
O
Application circuit
L E D _LI N K
L ED _ SPEED
1 00M link / ac t
10 M lin k / a c t
Type
LED_LINK
LED_SPEED
Link off
O
0
0
100M link
O
1
0
100M link/ Activity
O
Flash
0
10M link
O
0
1
111, 108,
105, 102,
97
LED_SPEED[4:0]
O
10M link/ Activity
O
0
Flash
112, 109,
106, 103,
100
LED_FULL[4:0]
O
Full/half, Link (output after reset)
Full/half: (1: half, 0: full, flash: collision)
Serial LED (MII2_EN=1)
112
SDATA
O
LED serial data
111
SCLK
O
LED serial clock
Normal mode: 312.5KHz, Speed_up mode: 10MHz
Power
72, 98
VCC_O_1,
VCC_O_2
3.3V power
1, 6,
10, 14,
20, 24,
28, 35,
40
AVCC
1.8v power
46, 47,
50, 55,
82, 94,
114, 115,
124
VCC
1.8v power
Mar 09, 2007
33/111
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com