Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2829 Datasheet HTML 1Page - Texas Instruments TPS2829 Datasheet HTML 2Page - Texas Instruments TPS2829 Datasheet HTML 3Page - Texas Instruments TPS2829 Datasheet HTML 4Page - Texas Instruments TPS2829 Datasheet HTML 5Page - Texas Instruments TPS2829 Datasheet HTML 6Page - Texas Instruments TPS2829 Datasheet HTML 7Page - Texas Instruments TPS2829 Datasheet HTML 8Page - Texas Instruments TPS2829 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
3
www.ti.com
TPS28xxY chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS28xx. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be
mounted with conductive epoxy or a gold-silicon preform.
39
39
TPS2816Y
(4)
(2)
(3)
(5)
(1)
OUT
GND
IN
VCC
VDD†
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(4)
(2)
(3)
(1)
(5)
†TPS2816 through TPS2819 only
Terminal Functions
TPS2816, TPS2818, TPS2828 (inverting driver)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VDD
1
Regulator supply voltage input. (Not connected on TPS2828)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT = IN
VCC
5
Driver supply voltage/regulator output voltage
TPS2817, TPS2819, TPS2829 (noninverting driver)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VDD
1
Regulator supply voltage input. (Not connected on TPS2829)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT= IN
VCC
5
Driver supply voltage/regulator output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com