Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2829 Datasheet HTML 2Page - Texas Instruments TPS2829 Datasheet HTML 3Page - Texas Instruments TPS2829 Datasheet HTML 4Page - Texas Instruments TPS2829 Datasheet HTML 5Page - Texas Instruments TPS2829 Datasheet HTML 6Page - Texas Instruments TPS2829 Datasheet HTML 7Page - Texas Instruments TPS2829 Datasheet HTML 8Page - Texas Instruments TPS2829 Datasheet HTML 9Page - Texas Instruments TPS2829 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
6
www.ti.com
TPS28xxY electrical characteristics at TA = 25_C, VCC = 10 V, VDD tied to VCC, CL = 1 nF
(unless otherwise specified)
Inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
3.3
Positive-going input threshold voltage
VCC = 10 V
6.6
V
Positive going in ut threshold voltage
VCC = 14 V
9.3
V
VCC = 5 V
1.7
Negative-going input threshold voltage
VCC = 10 V
3.3
V
Negative going in ut threshold voltage
VCC = 14 V
4.6
V
Input voltage hysteresis
1.3
V
Input current, TPS2818/19/28/29
Input = 0 V or VCC
0.2
µA
Input current TPS2816/17
Input = 0 V
650
A
Input current, TPS2816/17
Input = VCC
15
µA
Input resistance
1000
M
Ω
Input capacitance
5
pF
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hi h l
l
t
t
lt
IO = –1 mA
9.9
V
High-level output voltage
IO = –100 mA
9.1
V
Low level output voltage
IO = 1 mA
0.18
V
Low-level output voltage
IO = 100 mA
1
V
regulator, TPS2816 through TPS2819
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
14
≤ VDD ≤ 40 V,
0
≤ IO ≤ 20 mA
11.5
V
Output voltage in dropout
IO = 10 mA,
VDD = 10 V
9
V
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS2816,
IN = high = 10 V
150
TPS2816,
TPS2817
IN = low = 0 V
650
Supply current into VCC
TPS2818,
25
µA
Supply current into VCC
TPS2818,
TPS2819
IN = high or low,
25
µA
TPS2828,
TPS2829
IN = high or low,
High = 10 V, Low = 0 V
0.1
TPS2816,
VDD = 20 V,
650
Supply current into VDD
TPS2816,
TPS2817
VDD = 20 V,
IN = high = 10 V or low = 0 V
650
µA
Supply current into VDD
TPS2818,
VDD = 20 V,
50
µA
TPS2818,
TPS2819
VDD = 20 V,
IN = high = 10 V or low = 0 V
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com