Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2829 Datasheet HTML 1Page - Texas Instruments TPS2829 Datasheet HTML 2Page - Texas Instruments TPS2829 Datasheet HTML 3Page - Texas Instruments TPS2829 Datasheet HTML 4Page - Texas Instruments TPS2829 Datasheet HTML 5Page - Texas Instruments TPS2829 Datasheet HTML 6Page - Texas Instruments TPS2829 Datasheet HTML 7Page - Texas Instruments TPS2829 Datasheet HTML 8Page - Texas Instruments TPS2829 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
1
www.ti.com
D Low-Cost Single-Channel High-Speed
MOSFET Driver
D ICC ... 15-µA Max (TPS2828, TPS2829)
D 25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay ... 1-nF Load
D 2-A Peak Output Current
D 4-V to 14-V Driver Supply Voltage Range;
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
D 5-pin SOT-23 Package
D –40°C to 125°C Ambient-Temperature
Operating Range
D Highly Resistant to Latch-ups
description
The TPS28xx single-channel high-speed MOS-
FET drivers are capable of delivering peak
currents of up to 2 A into highly capacitive loads.
High switching speeds (tr and tf = 14 ns typ) are
obtained with the use of BiCMOS outputs. Typical
threshold switching voltages are 2/3 and 1/3 of
VCC. The design inherently minimizes shoot-
through current.
A regulator is provided on TPS2816 through TPS2819 devices to allow operation with supply inputs between
14 V and 40 V. The regulator output can be used to power other circuits, provided power dissipation does not
exceed package limitations. If the regulator is not required, VDD (the regulator input) should be connected to
VCC. The TPS2816 and TPS2817 input circuits include an active pullup circuit to eliminate the need for an
external resistor when using open-collector PWM controllers. The TPS2818 and TPS2819 are identical to the
TPS2816 and TPS2817, except that the active pullup circuit is omitted. The TPS2828 and TPS2829 are
identical to the TPS2818 and TPS2819, except that the internal voltage regulator is omitted, allowing quiescent
current to drop to less than 15
µA when the inputs are high or low.
The TPS28xx series devices are available in 5-pin SOT-23 (DBV) packages and operate over an ambient
temperature range of –40
_C to 125_C.
AVAILABLE OPTIONS
T
FUNCTION
PACKAGED DEVICES
CHIP FORM
TA
FUNCTION
SOT-23–5 (DBV)
CHIP FORM
(Y)
Inverting driver with active pullup input
TPS2816DBV
TPS2816Y
Noninverting driver with active pullup input
TPS2817DBV
TPS2817Y
40
°C to 125°C
Inverting driver
TPS2818DBV
TPS2818Y
–40
°C to 125°C
Noninverting driver
TPS2819DBV
TPS2819Y
Inverting driver, no regulator
TPS2828DBV
TPS2828Y
Noninverting driver, no regulator
TPS2829DBV
TPS2829Y
The DBV package is available taped and reeled only.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
1
4
5
IN
VCC
VDD
OUT
TPS2816, TPS2817
TPS2818, TPS2819
DBV PACKAGE
(TOP VIEW)
GND
3
2
1
4
5
IN
VCC
NC
OUT
DBV PACKAGE
(TOP VIEW)
GND
TPS2828, TPS2829
NC – No internal connection


Similar Part No. - TPS2829

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2829 TI-TPS2829 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829 TI2-TPS2829 Datasheet
1Mb / 25P
Single-Channel High-Speed MOSFET Drivers
REVISED SEPTEMBER 2011
TPS2829-EP TI-TPS2829-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829-EP TI-TPS2829-EP Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829-EP TI1-TPS2829-EP Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Similar Description - TPS2829

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com