Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829MDBVREP Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2829MDBVREP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829MDBVREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2829MDBVREP Datasheet HTML 10Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 11Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 12Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 13Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 14Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 15Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 16Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 17Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
8
7
5
4
8
12
16
20
24
10
11
REGULATOR OUTPUT VOLTAGE
vs
REGULATOR SUPPLY VOLTAGE
12
28
32
36
40
9
6
4
Load = 10 k
Ω
VDD − Regulator Supply Voltage − V
645
640
630
620
4
8
12
16
20
24
655
665
REGULATOR QUIESCENT CURRENT
vs
REGULATOR SUPPLY VOLTAGE
670
28
32
36
40
660
650
635
625
TPS2816,17 only
No Load
VDD − Regulator Supply Voltage − V
VCC = 10 V
No Load
TA = 25°C
4
3
2
0
0
2
4
6
5
6
SHOOT-THROUGH CURRENT
vs
INPUT VOLTAGE LOW-TO-HIGH
7
8
10
1
VI − Input Voltage − V
4
3
2
0
0
2
4
6
5
6
7
8
10
SHOOT-THROUGH CURRENT
vs
INPUT VOLTAGE HIGH-TO-LOW
VI − Input Voltage − V
1
VCC = 10 V
No Load
TA = 25°C
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
Figure 16.
Figure 17.
Figure 18.
Figure 19.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com