Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829MDBVREP Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2829MDBVREP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829MDBVREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2829MDBVREP Datasheet HTML 11Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 12Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 13Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 14Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 15Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 16Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 17Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 18Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Regulator
0.1
µF
1
2
3
5
4
Input
TPS2816
VCC
Load
Regulator
4.7
µF
1
2
3
5
4
Input
TPS2816
VDD
Load
0.1
µF
+
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
MOSFETs are voltage-driven devices that require very little steady-state drive current. However, the large input
capacitance (200 pF to 3000 pF or greater) of these devices requires large current surges to reduce the turn-on
and turn-off times. The TPS2816 series of high-speed drivers can supply up to 2 A to a MOSFET, greatly
reducing the switching times. The fast rise times and fall times and short propagation delays allow for operation
in today's high-frequency switching converters.
In addition, MOSFETs have a limited gate-bias voltage range, usually less than 20 V. The TPS2816 series of
drivers extends this operating range by incorporating an on-board series regulator with an input range up to 40 V.
This regulator can be used to power the drivers, the PWM chip, and other circuitry, providing the power
dissipation rating is not exceeded.
When using these devices, care should be exercised in the proper placement of the driver, the switching
MOSFET, and the bypass capacitor. Because of the large input capacitance of the MOSFET, the driver should
be placed close to the gate to eliminate the possibility of oscillations caused by trace inductance ringing with the
gate capacitance of the MOSFET. When the driver output path is longer than approximately 2 inches, a resistor
in the range of 10
Ω should be placed in series with the gate drive as close as possible to the MOSFET. A
ceramic bypass capacitor is also recommended to provide a source for the high-speed current transients that the
MOSFET requires. This capacitor should be placed between VCC and GND of the driver (see Figure 20 and
Figure 21).
Figure 20. VCC < 14 V
Figure 21. VCC > 14 V
The on-board series regulator supplies approximately 20 mA of current at 11.5 V, some of which can be used for
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com