Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829MDBVREP Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2829MDBVREP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829MDBVREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2829MDBVREP Datasheet HTML 14Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 15Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 16Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 17Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 18Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 19Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 20Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 21Page - Texas Instruments TPS2829MDBVREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.ti.com
2 V/div
2 V/div
12.5 ns/div
Q1 Gate
Q1 Drain
2 V/div
2 V/div
12.5 ns/div
Q1 Drain
Q1 Gate
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
Table 1. Bill of Materials
REF DES
PART NO.
DESCRIPTION
MFR
U1
TPS2817DBV
IC, MOSFET driver, single noninverting
TI
U2
TL5001CD
IC, PWM controller
TI
Q1
TPS1110D
MOSFET, p-channel, 6 A, 7 V, 75 m
Ω
TI
C1, C2, C5, C8
Capacitor, ceramic, 0.1
µF, 50 V, X7R, 1206
C3
Capacitor, ceramic, 0.033
µF, 50 V, X7R, 1206
C4
Capacitor, ceramic, 2200 pF, 50 V, X7R, 0805
C6
ECS-T1CY105R
Capacitor, tantalum, 1.0
µF, 16 V, A case
Panasonic
C7
10SC47M
Capacitor, OS-Con, 47
µF, 10 V
Sanyo
C9
Capacitor, ceramic, 1000 pF, 50 V, X7R, 0805
C10, C12
10SA220M
Capacitor, OS-Con, 220
µF, 10 V
Sanyo
C11
Capacitor, ceramic, 0.022
µF, 50 V, X7R, 0805
C13
Capacitor, ceramic, 47
µF, 50 V, X7R
CR1
50WQ03F
Diode, Schottky, D-pak, 5 A 30 V
IR
L1
SML3723
Inductor, 27
µH, ±20%, 3 A
Nova Magnetics
R1
Resistor, CF, 47 k
Ω, 1/10 W, 5%, 0805
R2
Resistor, CF, 1.5 k
Ω, 1/10 W, 5%, 0805
R3
Resistor, MF, 30.1 k
Ω, 1/10 W, 1%, 0805
R4
Resistor, MF, 1.00 k
Ω, 1/10 W, 1%, 0805
R5
Resistor, CF, 47
Ω, 1/10 W, 5%, 0805
R6 (3.3-V)
Resistor, MF, 2.32 k
Ω, 1/10 W, 1%, 0805
R6 (2.5-V)
Resistor, MF, 1.50 k
Ω, 1/10 W, 1%, 0805
R7
Resistor, CF, 100
Ω, 1/10 W, 5%, 0805
As shown in Figure 24 and Figure 25, the TPS2817 turns on the TPS1110 power switch in less than 20 ns and
off in 25 ns.
Figure 24. Q1 Turn-On Waveform
Figure 25. Q1 Turn-Off Waveform
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com