Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAGNOVA Datasheet(PDF) 4 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 4 Page - Batronix GmbH & Co. KG

  MAGNOVA Datasheet HTML 1Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 2Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
44 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Analog channel noise floor at 50 Ω input impedance
4 Channel active with 1 GSa/s each, open inputs, 5 ms/div (60 ms/screen), typical values
Analog bandwidth
(by model or filter)
20 MHz
≥ 100 MHz
(BMO100)
≥ 200 MHz
(BMO200)
≥ 350 MHz
(BMO350)
200 µV/div
18 µVrms
42 µVrms
51 µVrms
58 µVrms
500 µV/div
18 µVrms
42 µVrms
52 µVrms
58 µVrms
1 mV/div
18 µVrms
43 µVrms
53 µVrms
59 µVrms
2 mV/div
18 µVrms
43 µVrms
53 µVrms
60 µVrms
5 mV/div
19 µVrms
46 µVrms
56 µVrms
63 µVrms
10 mV/div
24 µVrms
55 µVrms
67 µVrms
74 µVrms
20 mV/div
37 µVrms
80 µVrms
98 µVrms
108 µVrms
50 mV/div
117 µVrms
282 µVrms
353 µVrms
398 µVrms
100 mV/div
191 µVrms
417 µVrms
513 µVrms
571 µVrms
200 mV/div
356 µVrms
734 µVrms
900 µVrms
991 µVrms
500 mV/div
1.02 mVrms
2.18 mVrms
2.68 mVrms
2.96 mVrms
1 V/div
1.85 mVrms
3.68 mVrms
4.49 mVrms
4.92 mVrms
2 V/div
4.12 mVrms
9.87 mVrms
12.3 mVrms
13.9 mVrms
5 V/div
9.03 mVrms
18.78 mVrms
23.1 mVrms
25.6 mVrms
6 V/div
10.4 mVrms
21.78 mVrms
26.7 mVrms
29.4 mVrms
Analog channel noise floor at 1 MΩ input impedance
4 Channel active with 1 GSa/s each, open inputs, 5 ms/div (60 ms/screen), typical values
Analog bandwidth
(by model or filter)
20 MHz
≥ 100 MHz
(BMO100)
≥ 200 MHz
(BMO200)
≥ 350 MHz
(BMO350)
200 µV/div
42 µVrms
55 µVrms
62 µVrms
67 µVrms
500 µV/div
42 µVrms
55 µVrms
63 µVrms
68 µVrms
1 mV/div
43 µVrms
56 µVrms
64 µVrms
69 µVrms
2 mV/div
43 µVrms
56 µVrms
64 µVrms
70 µVrms
5 mV/div
43 µVrms
58 µVrms
66 µVrms
72 µVrms
10 mV/div
45 µVrms
65 µVrms
75 µVrms
82 µVrms
20 mV/div
53 µVrms
88 µVrms
104 µVrms
113 µVrms
50 mV/div
120 µVrms
287 µVrms
356 µVrms
399 µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com