Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAGNOVA Datasheet(PDF) 13 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 13 Page - Batronix GmbH & Co. KG

Back Button MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 10Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 11Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 12Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 13Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 14Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 15Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 16Page - Batronix GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
13 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Generator Module (Option)
Generator channels
1
Vertical resolution
14-bit DAC resolution
Sample rate
400 MSa/s while analog channels sample at 1.6 GSa/s
375 MSa/s when analog channels sample at 1.0 GSa/s
Output impedance
50 Ω ±1 %
Output amplitude
2 mV up to 20 Vpp
1 mV up to 10 Vpp into 50 Ω load
Smallest increment step: 1 µVpp (min. amplitude / 16384)
Output offset
+- 10 V
Limitation: |Offset| + Amplitude/2 ≤ 10 V
+- 5 V into 50 Ω load
Limitation: |Offset| + Amplitude/2 ≤ 5 V
Sine
Frequency: 1 µHz up to 90 MHz
Period: 1 Ms down to 11.11 ns
Rectangle
Rectangle: 1 µHz up to 50 MHz
Period: 1 Ms down to 20 ns
Pulse
Pulse: 1 µHz up to 50 MHz
Period: 1 Ms down to 20 ns
Ramp
Ramp: 1 µHz up to 25 MHz
Period: 1 Ms down to 40 ns
Arbitrary
Built-in waveforms
Edit custom waveforms on display
Load and save custom waveform (csv, bin)
Noise
Noise can be selected as a separate waveform or added to any
signal.
DC
+- 10 V
AM modulation
Shape: Sine, rectangle, triangle, ramp up, ramp down, noise,
arbitrary
Modulation frequency: 1 µHz up to 90 MHz
Depth: 0 up to 100 %
FM modulation
Shape: Sine, rectangle, triangle, ramp up, ramp down, noise,
arbitrary
Modulation frequency and frequency deviation: Details in
upcoming datasheet version.
PM modulation
Shape: Sine, rectangle, triangle, ramp up, ramp down, noise,
arbitrary
Modulation frequency: 1 µHz up to 90 MHz
Phase deviation: 0° up to 360°
Sweep
Sweep type: Linear or logarithmic
Direction: Up, down, up & down
Sweep time: 1 µs up to 600 s
Start and stop frequency: 1 µHz up to max. frequency
Start and stop hold: 0 up to 60 s
Burst
Trigger: Automatic or manual
Start phase: 0° - 360 °
Cycles: 1 - 4,294,967,295
Period: 10 ns - 60 s
Burst idle level: First point or manual value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com