Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAGNOVA Datasheet(PDF) 2 Page - Batronix GmbH & Co. KG

Part # MAGNOVA
Description  Innovative Tools. Excellent Service.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BATRONIX [Batronix GmbH & Co. KG]
Direct Link  https://www.batronix.com/
Logo BATRONIX - Batronix GmbH & Co. KG

MAGNOVA Datasheet(HTML) 2 Page - Batronix GmbH & Co. KG

  MAGNOVA Datasheet HTML 1Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 2Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 3Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 4Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 5Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 6Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 7Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 8Page - Batronix GmbH & Co. KG MAGNOVA Datasheet HTML 9Page - Batronix GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
22 Magnova datasheet version 1.10, June 5th, 2025
Magnova datasheet version 1.10, June 5th, 2025, www.batronix.com/magnova
www.batronix.com/magnova
Batronix GmbH & Co. KG,
Batronix GmbH & Co. KG, Handelsweg 16,
Handelsweg 16, 24211 Preetz,
24211 Preetz, Germany,
Germany, Tel +49
Tel +49 4342 90786-0,
4342 90786-0, service@batronix.com
service@batronix.com
Batronix
Innovative Tools. Excellent Service.
Table of contents
Model Overview
3
Vertical System - Analog Channels
3
Analog channel noise floor at 50 Ω input impedance
4
Analog channel noise floor at 1 MΩ input impedance
4
Vertical System - Digital Channels
5
Horizontal System
5
Zoom
6
Acquisition
6
High Resolution Oversampling
7
Display
7
Trigger System
7
Trigger Types
8
Measurements
9
History (Segmented Memory)
9
Search
10
Mask (Pass/Fail Test)
10
X/Y Mode
10
References
10
Math
10
FFT
11
RF Characteristics
11
Cursors And FFT Cursors/Markers
11
Decoding
12
Generator Module (Option)
13
Bode Plot (Requires Generator Module)
14
I/O Connectivity
14
Other
14
Accessories (Included)
15
Options
15
Passed Conformity Tests
15
General
16
Operation Conditions
16
Power Supply And Consumption
16
Mechanical Data
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com