Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT74AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT74AM
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT74AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT74AM Datasheet HTML 1Page - STMicroelectronics 74VHCT74AM Datasheet HTML 2Page - STMicroelectronics 74VHCT74AM Datasheet HTML 3Page - STMicroelectronics 74VHCT74AM Datasheet HTML 4Page - STMicroelectronics 74VHCT74AM Datasheet HTML 5Page - STMicroelectronics 74VHCT74AM Datasheet HTML 6Page - STMicroelectronics 74VHCT74AM Datasheet HTML 7Page - STMicroelectronics 74VHCT74AM Datasheet HTML 8Page - STMicroelectronics 74VHCT74AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74VHCT74A
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
March 2000
s
HIGH SPEED:
fMAX =160 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 74
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHCT74A is an advanced high-speed
CMOS
DUAL
D-TYPE
FLIP
FLOP
WITH
PRESET AND CLEAR fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology.
A signal on the D INPUT is transfered to the Q
OUTPUT during the positive going transition of
the clock pulse.
CLEAR and PRESET are independent of the
clock and accomplished by a low setting on the
appropriate input.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT74AM
74VHCT74AMTR
TSSOP
74VHCT74ATTR
1/10


Similar Part No. - 74VHCT74AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
105Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
277Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
254Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74AM ONSEMI-74VHCT74AM Datasheet
279Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

Similar Description - 74VHCT74AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
74VHCT74A ONSEMI-74VHCT74A Datasheet
279Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com