Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT74AM Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHCT74AM
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT74AM Datasheet(HTML) 2 Page - STMicroelectronics

  74VHCT74AM Datasheet HTML 1Page - STMicroelectronics 74VHCT74AM Datasheet HTML 2Page - STMicroelectronics 74VHCT74AM Datasheet HTML 3Page - STMicroelectronics 74VHCT74AM Datasheet HTML 4Page - STMicroelectronics 74VHCT74AM Datasheet HTML 5Page - STMicroelectronics 74VHCT74AM Datasheet HTML 6Page - STMicroelectronics 74VHCT74AM Datasheet HTML 7Page - STMicroelectronics 74VHCT74AM Datasheet HTML 8Page - STMicroelectronics 74VHCT74AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1, 13
1CLR,
2CLR
Asyncronous Reset -
Direct Input
2, 12
1D, 2D
Data Input
3, 11
1CK, 2CK
Clock Input
(LOW-to-HIGH, Edge-
Triggered)
4, 10
1PR, 2PR
Asyncronous Set - Direct
Input
5, 9
1Q, 2Q
True Flip-Flop Outputs
6, 8
1Q, 2Q
Complement Flip-Flop
Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
TRUTH TABLE
I NPUTS
OUT PUT S
F UNCTI ON
CLR
PRDCK
Q
Q
L
H
X
X
L
H
CLEAR
H
L
X
X
H
L
PRESET
LL
X
X
H
H
HH
L
L
H
HHH
H
L
HH
X
Qn
Qn
NO CHANGE
X:Don’t Care
Thislogic diagram has notbe used to estimate propagation delays
74VHCT74A
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com