Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT74AM Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHCT74AM
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT74AM Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCT74AM Datasheet HTML 1Page - STMicroelectronics 74VHCT74AM Datasheet HTML 2Page - STMicroelectronics 74VHCT74AM Datasheet HTML 3Page - STMicroelectronics 74VHCT74AM Datasheet HTML 4Page - STMicroelectronics 74VHCT74AM Datasheet HTML 5Page - STMicroelectronics 74VHCT74AM Datasheet HTML 6Page - STMicroelectronics 74VHCT74AM Datasheet HTML 7Page - STMicroelectronics 74VHCT74AM Datasheet HTML 8Page - STMicroelectronics 74VHCT74AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
dt/dv
Input Rise and Fall Time (see note 3) (VCC =5.0
± 0.5V)
0 to 20
ns/V
1) VCC=0
2) High or Low State
3)VIN from0.8V to 2 V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
1) VCC=0
2) High or Low State
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input
Voltage
4.5 to 5.5
2
2
V
VIL
Low Level Input
Voltage
4.5 to 5.5
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50
µA
4.4
4.5
4.4
V
4.5
IO=-8 mA
3.94
3.8
VOL
Low Level Output
Voltage
4.5
IO=50
µA
0.0
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
II
Input Leakage Current
0 to 5.5
VI = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
2
20
µA
∆ICC
Additional Worst Case
Supply Current
5.5
One Input at 3.4V,
other input at VCC or
GND
1.35
1.5
mA
IOPD
Output Leakage
Current
0VOUT = 5.5V
0.5
5.0
µA
74VHCT74A
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com