Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12C080CISQ/NOPB Datasheet HTML 13Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 14Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 15Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 16Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 17Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 18Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 19Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 20Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, fIN = 10 MHz, CL = 5 pF/pin. TA = 25°C.
SNR, SINAD, SFDR vs. Clock Duty Cycle
Distortion vs. Clock Duty Cycle
Figure 17.
Figure 18.
SNR, SINAD, SFDR vs. Clock Duty Cycle, DCS Enabled
Distortion vs. Clock Duty Cycle, DCS Enabled
Figure 19.
Figure 20.
SNR, SINAD, SFDR vs. fIN
Distortion vs. fIN
Figure 21.
Figure 22.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com