Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12C080CISQ/NOPB Datasheet HTML 17Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 18Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 19Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 20Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 21Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 22Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 23Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 24Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ADC
Input
10 pF
VCMO
VIN
ETC1-1-13
0.1 PF
25:
25:
ETC1-1-13
0.1 PF
0.1 PF
ADC
Input
18 pF
VCMO
0.1 PF
0.1 PF
VIN
ADT1-1WT
50:
0.1 PF
20:
20:
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
EFS = 4096 ( 1 - sin (90° + dev))
(5)
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 30). For single frequency inputs, angular errors result in a reduction of the effective full
scale input. For complex waveforms, however, angular errors will result in distortion.
Figure 31. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause
Distortion
It is recommended to drive the analog inputs with a source impedance less than 100
Ω. Matching the source
impedance for the differential inputs will improve even ordered harmonic performance (particularly second
harmonic).
Table 1 indicates the input to output relationship of the ADC12C080.
Table 1. Input to Output Relationship
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF/2
VCM + VREF/2
0000 0000 0000
1000 0000 0000
Negative Full-Scale
VCM − VREF/4
VCM + VREF/4
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
Mid-Scale
VCM + VREF/4
VCM − VREF/4
1100 0000 0000
0100 0000 0000
VCM + VREF/2
VCM − VREF/2
1111 1111 1111
0111 1111 1111
Positive Full-Scale
Driving the Analog Inputs
The VIN+ and the VIN− inputs of the ADC12C080 have an internal sample-and-hold circuit which consists of an
analog switch followed by a switched-capacitor amplifier.
Figure 32 and Figure 33 show examples of single-ended to differential conversion circuits. The circuit in
Figure 32 works well for input frequencies up to approximately 70MHz, while the circuit in Figure 33 works well
above 70MHz.
Figure 32. Low Input Frequency Transformer Drive Circuit
Figure 33. High Input Frequency Transformer Drive Circuit
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com