Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC12C080CISQ/NOPB Datasheet HTML 1Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 2Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 3Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 4Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 5Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 6Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 7Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 8Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA, VDR)
−0.3V to 4.2V
Voltage on Any Pin
−0.3V to (VA +0.3V)
(Not to exceed 4.2V)
Input Current at Any Pin other than Supply Pins (4)
±5 mA
Package Input Current (4)
±50 mA
Max Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
(5)
30°C/W
ESD Rating
Human Body Model (6)
2500V
Machine Model (6)
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(7)
(1)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is specified to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(5)
The maximum allowable power dissipation is dictated by TJ,max, the junction-to-ambient thermal resistance, (θJA), and the ambient
temperature, (TA), and can be calculated using the formula PD,max = (TJ,max - TA )/θJA. The values for maximum power dissipation listed
above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the
power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(6)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω
(7)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+2.7V to +3.6V
Output Driver Supply (VDR)
+2.4V to VA
Clock Duty Cycle
(DCS Enabled)
30/70 %
(DCS disabled)
45/55 %
VCM
1.4V to 1.6V
|AGND-DRGND|
≤100mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is specified to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com