Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12DL080
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 17Page - Texas Instruments ADC12DL080 Datasheet HTML 18Page - Texas Instruments ADC12DL080 Datasheet HTML 19Page - Texas Instruments ADC12DL080 Datasheet HTML 20Page - Texas Instruments ADC12DL080 Datasheet HTML 21Page - Texas Instruments ADC12DL080 Datasheet HTML 22Page - Texas Instruments ADC12DL080 Datasheet HTML 23Page - Texas Instruments ADC12DL080 Datasheet HTML 24Page - Texas Instruments ADC12DL080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
User choice of an on-chip or external reference voltage is provided. The internal 1.0 Volt reference is in use
when the the VREF pin is connected to VA. If a voltage in the range of 0.8V to 1.2V is applied to the VREF pin, that
is used for the voltage reference. When an external reference is used, the VREF pin should be bypassed to
ground with a 0.1 µF capacitor close to the reference input pin. There is no need to bypass the VREF pin when
the internal reference is used.
Signal Inputs
The signal inputs are VIN A+ and VINA− for one ADC and VINB+ and VINB− for the other ADC . The input signal,
VIN, is defined as
VIN A = (VINA+) – (VINA−)
(3)
for the "A" converter and
VIN B = (VINB+) – (VINB−)
(4)
for the "B" converter. Figure 41 shows the expected input signal range. Note that the common mode input
voltage, VCM, should be in the range of 1.0V to 2.0V.
The peaks of the individual input signals should never exceed 2.6V.
The ADC12DL080 performs best with a differential input signal with each input centered around a common mode
voltage, VCM. The peak-to-peak voltage swing at each analog input pin should not exceed the value of the
reference voltage or the output data will be clipped.
The two input signals should be exactly 180° out of phase from each other and of the same amplitude. For single
frequency inputs, angular errors result in a reduction of the effective full scale input. For complex waveforms,
however, angular errors will result in distortion.
Figure 41. Expected Input Signal Range
For single frequency sine waves the full scale error in LSB can be described as approximately
EFS = 4096 ( 1 - sin (90° + dev))
(5)
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 42). Drive the analog inputs with a source impedance less than 100
Ω.
Figure 42. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause
Distortion
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com