Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC12DL080
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
Converter Electrical Characteristics
(1)(2)(3) (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Units
Parameter
Test Conditions
Typical(4)
Limits(4)
(Limits)
fIN = 40 MHz, VIN = −1 dBFS
−82
-74
dBc (min)
H3
Third Harmonic Distortion
fIN = 200 MHz, VIN = −1 dBFS
−81
dBc
fIN = 40 MHz, VIN = −1 dBFS
82
73
dBc (min)
SFDR
Spurious Free Dynamic Range
fIN = 200 MHz, VIN = −1 dBFS
81
dBc
fIN = 19.6 MHz and 20.2 MHz, each =
IMD
Intermodulation Distortion
−70
dBFS
−6.5 dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.3
%FS
Channel—Channel Gain Match
±0.4
%FS
10 MHz Tested, Channel;
Crosstalk
90
dBc
20 MHz Other Channel
DC and Logic Electrical Characteristics
(1) (2) (3)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Units
Parameter
Test Conditions
Typical(4)
Limits(4)
(Limits)
DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
1.0
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS
VDR = 2.5V
2.3
V (min)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
VDR = 3V
2.7
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 3V
0.4
V (max)
VOUT = 2.5V or 3.3V
100
nA
IOZ
TRI-STATE Output Current
VOUT = 0V
−100
nA
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
20
mA
COUT
Digital Output Capacitance
5
pF
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are to AOQL (Average Outgoing Quality Level).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com