Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC12DL080
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 19Page - Texas Instruments ADC12DL080 Datasheet HTML 20Page - Texas Instruments ADC12DL080 Datasheet HTML 21Page - Texas Instruments ADC12DL080 Datasheet HTML 22Page - Texas Instruments ADC12DL080 Datasheet HTML 23Page - Texas Instruments ADC12DL080 Datasheet HTML 24Page - Texas Instruments ADC12DL080 Datasheet HTML 25Page - Texas Instruments ADC12DL080 Datasheet HTML 26Page - Texas Instruments ADC12DL080 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
DIGITAL INPUTS
Digital TTL/CMOS compatible inputs consist of CLK, REFSEL/DCS, OF/DOEN, OEA/OF, OEB/DRDY. The
OEB/DRDY pin may also be configured as the DRDY output.
CLK
The CLK signal controls the timing of the sampling process. Drive the clock input with a stable, low jitter clock
signal in the range of 10 MHz to 80 MHz. The higher the input frequency, the more critical it is to have a low jitter
clock. The trace carrying the clock signal should be as short as possible and should not cross any other signal
line, analog or digital, not even at 90°.
The CLK signal also drives an internal state machine. If the CLK is interrupted, or its frequency too low, the
charge on internal capacitors can dissipate to the point where the accuracy of the output data will degrade. This
is what limits the lowest sample rate.
The clock line should be terminated at its source in the characteristic impedance of that line. Take care to
maintain a constant clock line impedance throughout the length of the line. Refer to Application Note AN-905 for
information on setting characteristic impedance.
It is highly desirable that the the source driving the ADC CLK pin only drive that pin. However, if that source is
used to drive other things, each driven pin should be a.c. terminated with a series RC to ground such that the
resistor value is equal to the characteristic impedance of the clock line and the capacitor value is
(6)
where tPD is the signal propagation rate down the clock line, "L" is the line length and ZO is the characteristic
impedance of the clock line. This termination should be as close as possible to the ADC clock pin but beyond it
as seen from the clock source. Typical tPD is about 150 ps/inch (60 ps/cm) on FR-4 board material. The units of
"L" and tPD should be the same (inches or centimeters).
The duty cycle of the clock signal can affect the performance of the A/D Converter. Because achieving a precise
duty cycle is difficult, the ADC12DL080 has a Duty Cycle Stabilizer which can be enabled using the
REFSEL/DCS pin. It is designed to maintain performance over a clock duty cycle range of 30% to 70% at 80
MSPS.
REFSEL/DCS
This pin is used in conjunction with VREF (pin 7) to select the reference source and turn the Duty Cycle Stabilizer
(DCS) on or off.
When REFSEL/DCS is LOW and VREF is HIGH, the internal 1.0V reference is selected and DCS is On.
When REFSEL/DCS is HIGH, an external reference voltage in the range of 0.8V to 1.2V should be applied to the
VREF input. DCS is On.
With this pin connected to VRMA or VRMB, DCS is Off.
When enabled, duty cycle stabilization can compensate for clock inputs with duty cycles ranging from 30% to
70% and generate a stable internal clock, improving the performance of the part.
Table 3. VREF, REFSEL/DCS Pin Functions
REFSEL/DCS (pin 11)
VREF (pin 7)
Reference
DCS
Logic LOW
Logic HIGH
Internal 1.0 V
ON
Logic High
0.8 to 1.2V
External
ON
VRMA or VRMB
Logic High
Internal 1.0V
OFF
VRMA or VRMB
0.8 to 1.2V
External
OFF
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com