Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155LCVAL Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC14155LCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155LCVAL Datasheet(HTML) 5 Page - Texas Instruments

  ADC14155LCVAL Datasheet HTML 1Page - Texas Instruments ADC14155LCVAL Datasheet HTML 2Page - Texas Instruments ADC14155LCVAL Datasheet HTML 3Page - Texas Instruments ADC14155LCVAL Datasheet HTML 4Page - Texas Instruments ADC14155LCVAL Datasheet HTML 5Page - Texas Instruments ADC14155LCVAL Datasheet HTML 6Page - Texas Instruments ADC14155LCVAL Datasheet HTML 7Page - Texas Instruments ADC14155LCVAL Datasheet HTML 8Page - Texas Instruments ADC14155LCVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DRGND
VDR
DGND
VA
AGND
VA
5
ADC14155QML-SP
www.ti.com
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
Pin Descriptions and Equivalent Circuits (continued)
PIN NO.
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
8
CLK_SEL/DF
This is a four-state pin controlling the input clock mode and output
data format.
CLK_SEL/DF = VA, CLK+ and CLK– are configured as a differential
clock input. The output data format is 2's complement.
CLK_SEL/DF = (2 / 3) * VA, CLK+ and CLK– are configured as a
differential clock input. The output data format is offset binary.
CLK_SEL/DF = (1 / 3) * VA, CLK+ is configured as a single-ended
clock input and CLK– should be tied to AGND. The output data
format is 2's complement.
CLK_SEL/DF = AGND, CLK+ is configured as a single-ended clock
input and CLK– should be tied to AGND. The output data format is
offset binary.
7
PD
This is a two-state input controlling Power Down.
PD = VA, Power Down is enabled. In the Power Down state only the
reference voltage circuitry remains active and power dissipation is
reduced.
PD = AGND, Normal operation.
17-24,
27-32
D0–D13
Digital data output pins that make up the 14-bit conversion result. D0
(pin 17) is the LSB, while D13 (pin 32) is the MSB of the output
word. Output levels are CMOS compatible.
33
OVR
Over-Range Indicator. This output is set HIGH when the input
amplitude exceeds the 14-bit conversion range (0 to 16383).
34
DRDY
Data Ready Strobe. This pin is used to clock the output data. It has
the same frequency as the sampling clock. One word of data is
output in each cycle of this signal. The rising edge of this signal
should be used to capture the output data.
ANALOG POWER
2, 9, 37, 40,
41
VA
Positive analog supply pins. These pins should be connected to a
quiet 3.3-V source and be bypassed to AGND with 100-pF and 0.1-
µF capacitors located close to the power pins.
1, 3, 6, 10,
38, 39
AGND
The ground return for the analog supply.
DIGITAL POWER
13
VD
Positive digital supply pin. This pin should be connected to a quiet
3.3-V source and be bypassed to DGND with a 100-pF and 0.1-µF
capacitor located close to the power pin.
14
DGND
The ground return for the digital supply.
16, 25, 26,
36
VDR
Positive driver supply pin for the output drivers. This pin should be
connected to a quiet voltage source of 1.8 V and be bypassed to
DRGND with 100-pF and 0.1-µF capacitors located close to the
power pins.
15, 35
DRGND
The ground return for the digital output driver supply. These pins
should be connected to the system digital ground. See Layout
Guidelines (Layout and Grounding) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com