Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155LCVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC14155LCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155LCVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC14155LCVAL Datasheet HTML 2Page - Texas Instruments ADC14155LCVAL Datasheet HTML 3Page - Texas Instruments ADC14155LCVAL Datasheet HTML 4Page - Texas Instruments ADC14155LCVAL Datasheet HTML 5Page - Texas Instruments ADC14155LCVAL Datasheet HTML 6Page - Texas Instruments ADC14155LCVAL Datasheet HTML 7Page - Texas Instruments ADC14155LCVAL Datasheet HTML 8Page - Texas Instruments ADC14155LCVAL Datasheet HTML 9Page - Texas Instruments ADC14155LCVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
ADC14155QML-SP
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = AGND = DGND = DRGND = 0 V, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage (VA, VD)
–0.3
4.2
V
Supply voltage (VDR)
–0.3
2.35
V
|VA–VD|
100
mV
Voltage on any input pin (not to exceed 4.2 V)
–0.3
VA + 0.3
V
Voltage on any output pin (not to exceed 2.35 V)
–0.3
VDR + 0.2
V
Input current at any pin other than supply pins
–5
5
mA
Package input current
–50
50
mA
Max junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
(1)
All voltages are measured with respect to GND = AGND = DGND = DRGND = 0 V, unless otherwise specified.
(2)
All GND voltages should be within 100mv of each other.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Operating temperature
–55
125
°C
Supply voltage (VA, VD)
3
3.6
V
Output driver supply (VDR)
1.6
2
V
CLK
–0.05
VA + 0.05
V
Clock duty cycle
30%
70%
Analog input pins
0
2.6
V
VCM
1.4
1.6
V
|AGND-DGND|(2)
100
mV
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC
ADC14155QML
UNIT
NBA (CFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
27.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.7
°C/W
RθJB
Junction-to-board thermal resistance
11.4
°C/W
ψJT
Junction-to-top characterization parameter
4.6
°C/W
ψJB
Junction-to-board characterization parameter
11.1
°C/W
RθJC(bottom)
(1)
Junction-to-case (bottom) thermal resistance
3.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com