Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155LCVAL Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC14155LCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155LCVAL Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC14155LCVAL Datasheet HTML 4Page - Texas Instruments ADC14155LCVAL Datasheet HTML 5Page - Texas Instruments ADC14155LCVAL Datasheet HTML 6Page - Texas Instruments ADC14155LCVAL Datasheet HTML 7Page - Texas Instruments ADC14155LCVAL Datasheet HTML 8Page - Texas Instruments ADC14155LCVAL Datasheet HTML 9Page - Texas Instruments ADC14155LCVAL Datasheet HTML 10Page - Texas Instruments ADC14155LCVAL Datasheet HTML 11Page - Texas Instruments ADC14155LCVAL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
V
A
AGND
To Internal Circuitry
I/O
8
ADC14155QML-SP
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed in the Electrical Characteristics tables. Radiation testing is performed per MIL-
STD-883, Test Method 1019.
(2)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 5. However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described
in the Recommended Operating Conditions section.
(3)
To ensure accuracy, it is required that |VA – VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(4)
With the test condition for VREF = 1 V (2-VP-P differential input), the 14-bit LSB is 122.1 µV.
(5)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(6)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
6.6 ADC14155 Converter Electrical Characteristics (Continued) DYNAMIC Parameters
(1)
Unless otherwise specified, the following specifications apply: AGND = DGND = DRGND = 0 V, VA = VD = 3.3 V, VDR = 1.8 V,
Internal VREF = 1 V, fCLK = 155 MHz, VCM = VRM, CL = 5 pF/pin, Differential Analog Input, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C.
(2) (3) (4) (5)
PARAMETER
TEST CONDITIONS
NOTES
TYP(6)
MIN
MAX
UNITS
SUB-
GROUPS
DYNAMIC CONVERTER CHARACTERISTICS, AIN = -1 dBFS
FPBW
Full power bandwidth
-1 dBFS Input, -3 dB Corner
1.1
GHz
SNR
Signal-to-noise ratio
fIN = 10 MHz
69
dBFS
fIN = 70 MHz
70.1
66.7
dBFS
[4, 5, 6]
fIN = 169 MHz
68.5
dBFS
fIN = 238 MHz
68.5
dBFS
fIN = 398 MHz
66.4
dBFS
SFDR
Spurious free dynamic
range
fIN = 10 MHz
82
dBFS
fIN = 70 MHz
82.3
68.2
dBFS
[4, 5, 6]
fIN = 169 MHz
80.5
dBFS
fIN = 238 MHz
77.3
dBFS
fIN = 398 MHz
63.5
dBFS
ENOB
Effective number of bits
fIN = 10 MHz
11.3
Bits
fIN = 70 MHz
11.3
10.7
Bits
[4, 5, 6]
fIN = 169 MHz
11.0
Bits
fIN = 238 MHz
11.0
Bits
fIN = 398 MHz
10.0
Bits
THD
Total harmonic disortion
fIN = 10 MHz
–81
dBFS
fIN = 70 MHz
–79.9
–67
dBFS
[4, 5, 6]
fIN = 169 MHz
–82.4
dBFS
fIN = 238 MHz
–76.6
dBFS
fIN = 398 MHz
–63.2
dBFS
HD2
Second-order harmonic
distortion
fIN = 10 MHz
–95.4
dBFS
fIN = 70 MHz
–88.5
–70
dBFS
[4, 5, 6]
fIN = 169 MHz
–88.3
dBFS
fIN = 238 MHz
–77.3
dBFS
fIN = 398 MHz
–60.9
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com