Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155HCVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC14155HCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155HCVAL Datasheet(HTML) 3 Page - Texas Instruments

  ADC14155HCVAL Datasheet HTML 1Page - Texas Instruments ADC14155HCVAL Datasheet HTML 2Page - Texas Instruments ADC14155HCVAL Datasheet HTML 3Page - Texas Instruments ADC14155HCVAL Datasheet HTML 4Page - Texas Instruments ADC14155HCVAL Datasheet HTML 5Page - Texas Instruments ADC14155HCVAL Datasheet HTML 6Page - Texas Instruments ADC14155HCVAL Datasheet HTML 7Page - Texas Instruments ADC14155HCVAL Datasheet HTML 8Page - Texas Instruments ADC14155HCVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
AGND
36
VDR
2
VA
35
DRGND
3
AGND
34
DRDY
4
VIN±×
33
OVR
5
VIN+
32
D13 (MS B)
6
AGND
31
D12
7
PD
30
D11
8
CL K_SEL/DF
29
D10
9
VA
28
D9
10
AGND
27
D8
11
CL K+
26
VDR
12
CL K±
25
VDR
No t to scale
Th ermal
Pad
3
ADC14155QML-SP
www.ti.com
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
NBA Package
48-Pin CFP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com