Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155HCVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC14155HCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155HCVAL Datasheet(HTML) 1 Page - Texas Instruments

  ADC14155HCVAL Datasheet HTML 1Page - Texas Instruments ADC14155HCVAL Datasheet HTML 2Page - Texas Instruments ADC14155HCVAL Datasheet HTML 3Page - Texas Instruments ADC14155HCVAL Datasheet HTML 4Page - Texas Instruments ADC14155HCVAL Datasheet HTML 5Page - Texas Instruments ADC14155HCVAL Datasheet HTML 6Page - Texas Instruments ADC14155HCVAL Datasheet HTML 7Page - Texas Instruments ADC14155HCVAL Datasheet HTML 8Page - Texas Instruments ADC14155HCVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
INTERNAL
REFERENCE
SHA
14BIT HIGH SPEED
PIPELINE ADC
CLOCK/DUTY CYCLE
STABILIZER
14
DRDY
DIGITAL
CORRECTION
VIN+
VIN-
CLK+
CLK-
OVR
D0 - D13
VREF
VRP
VRM
VRN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC14155QML-SP
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
converter
1
1 Features
1
•
5962R0626201VXC
–
Total Ionizing Dose (TID) 100 krad(Si)
–
Single Event Latch-up 120 MeV-cm2/mg
(See Radiation Reports)
•
1.1-GHz Full-Power Bandwidth
•
Internal Sample-and-Hold Circuit
•
Low-Power Consumption
•
Internal Precision 1-V Reference
•
Single-Ended or Differential Clock Modes
•
Data Ready Output Clock
•
Clock Duty Cycle Stabilizer
•
Dual 3.3-V and 1.8-V Supply Operation (±10%)
•
Power-Down Mode
•
Offset Binary or 2's Complement Output Data
Format
•
48-pin CFP Package (11.5-mm × 11.5-mm, 0.635-
mm Pin-Pitch)
•
Key Specifications
–
Resolution 14 Bits
–
Conversion Rate 155 MSPS
–
SNR (fIN = 70 MHz) 70.1 dBFS (typ)
–
SFDR (fIN = 70 MHz) 82.3 dBFS (typ)
–
ENOB (fIN = 70 MHz) 11.3 Bits (typ)
–
Full-Power Bandwidth 1.1 GHz (typ)
–
Power Consumption 967 mW (typ)
2 Applications
•
High IF Sampling Receivers
•
Power Amplifier Linearization
•
Multi-Carrier, Multi-Mode Receivers
•
Test and Measurement Equipment
•
Communications Instrumentation
•
Radar Systems
Block Diagram
3 Description
The
ADC14155QML-SP
is
a
high-performance
CMOS
analog-to-digital
converter
capable
of
converting analog input signals into 14-bit digital
words at rates up to 155 MSPS. This converter uses
a differential, pipelined architecture with digital error
correction and an on-chip sample-and-hold circuit to
minimize
power
consumption
and
the
external
component count, while providing excellent dynamic
performance. A unique sample-and-hold stage yields
a full-power bandwidth of 1.1 GHz. The ADC14155
operates from dual 3.3-V and 1.8-V power supplies
and consumes 967 mW of power at 155 MSPS.
The separate 1.8-V supply for the digital output
interface allows lower power operation with reduced
noise. A power-down feature reduces the power
consumption to 5 mW with the clock input disabled,
while still allowing fast wake-up time to full operation.
The differential inputs provide a full scale differential
input swing equal to 2 times the reference voltage. A
stable 1-V internal voltage reference is provided, or
the ADC14155 can be operated with an external
reference. The Clock mode (differential versus single-
ended) and output data format (offset binary versus
2's complement) are pin-selectable. A duty cycle
stabilizer maintains performance over a wide range of
clock duty cycles.
The ADC14155QML-SP is available in a 48-lead
thermally
enhanced
multi-layer
ceramic
quad
package and operates over the military temperature
range of –55°C to +125°C.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962R0626201VXC
QMLV RHA (SMD part)
[100 krad]
CQFP (48)
ADC14155W-MLS
Flight RHA (non-SMD part)
[100 krad]
CQFP (48)
ADC14155W-MPR
Engineering Samples(2)
CQFP (48)
ADC14155LCVAL
Low-Frequency Ceramic
Evaluation Board
—
ADC14155HCVAL
High-Frequency Ceramic
Evaluation Board
—
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow. These units are
not suitable for qualification, production, radiation testing or
flight use. Parts are not warranted for performance over the
full MIL specified temperature range of –55°C to 125°C or
operating life.


Similar Part No. - ADC14155HCVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14155HCVAL TI1-ADC14155HCVAL Datasheet
755Kb / 34P
14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155HCVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com