Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14155HCVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC14155HCVAL
Description  ADC14155QML-SP, radiation hardened, 14-Bit, 155-MSPS, 1.1-GHz bandwidth A/D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14155HCVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC14155HCVAL Datasheet HTML 8Page - Texas Instruments ADC14155HCVAL Datasheet HTML 9Page - Texas Instruments ADC14155HCVAL Datasheet HTML 10Page - Texas Instruments ADC14155HCVAL Datasheet HTML 11Page - Texas Instruments ADC14155HCVAL Datasheet HTML 12Page - Texas Instruments ADC14155HCVAL Datasheet HTML 13Page - Texas Instruments ADC14155HCVAL Datasheet HTML 14Page - Texas Instruments ADC14155HCVAL Datasheet HTML 15Page - Texas Instruments ADC14155HCVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
tf
tr
tOD
Clock N
Clock N + 8
Sample N + 8
tAD
Sample N + 7
Sample N
Sample N + 9
Sample N + 10
Sample N + 11
CLK
VIN
D0 - D13
tCH
tCL
Data N + 2
Data N - 1
90%
10%
90%
10%
1
fCLK
Data N
Latency
Data N + 1
DRDY
tH
tSU
12
ADC14155QML-SP
SNAS378L – NOVEMBER 2008 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2019, Texas Instruments Incorporated
6.9 Timing Diagram
Figure 1. Output Timing
6.10 Transfer Characteristic
Figure 2. Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com