Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT.A Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5270IPFPT.A
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT.A Datasheet(HTML) 2 Page - Texas Instruments

  ADS5270IPFPT.A Datasheet HTML 1Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 2Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 3Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 4Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 5Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 6Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 7Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 8Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD(2)
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5270IPFP
Tray, 96
ADS5270
HTQFP-80
PFP
–40°C to +85°C
ADS5270IPFP
ADS5270IPFPT
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Thermal pad size: 4.69mm × 4.69mm (min), 6.20mm × 6.20mm (max).
Supply Voltage Range, AVDD
–0.3V to +3.8V
Supply Voltage Range, LVDD
–0.3V to +3.8V
Voltage Between AVSS and LVSS
–0.3V to +0.3V
Voltage Between AVDD and LVDD
–0.3V to +0.3V
Voltages Applied to External REF Pins
–0.3V to +2.4V
All LVDS Data and Clock Outputs
–0.3V to +2.4V
Analog Input Pins(2)
–0.3V to min. [3.3V, (AVDD + 0.3V)]
Digital Input Pins, Set 1 (pins 69, 76-78)
–0.3V to min. [3.9V, (AVDD + 0.3V)](3)
Digital Input Pins, Set 2 (pins 16, 45)
–0.3V to min. [3.9V, (LVDD + 0.3V)](3)
Operating Free-Air Temperature Range, TA
–40°C to +85°C
Lead Temperature, 1.6mm (1/16" from case for 10s)
+260°C
Junction Temperature
+105°C
Storage Temperature Range
–65°C to +150°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
The dc voltage applied on the input pins should not go below –0.3V. Also, the dc voltage should be limited to the lower of either 3.3V or
(AVDD + 0.3V). If the input can go higher than +3.3V, then a resistor greater than or equal to 25
Ω should be added in series with each
of the input pins. Also, the duty cycle of the overshoot beyond +3.3V should be limited. The overshoot duty cycle can be defined either
as a percentage of the time of overshoot over a clock period, or over the entire device lifetime. For a peak voltage between +3.3V and
+3.5V, a duty cycle up to 10% is acceptable. For a peak voltage between +3.5V and +3.7V, the overshoot duty cycle should not exceed
1%. Any overshoot beyond +3.7V should be restricted to less than 0.1% duty cycle, and never exceed +3.9V.
(3)
It is recommended to use a series resistor of 1k
Ω or greater if the digital input pins are tied to AVDD or LVDD supplies.
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com