Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT.A Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5270IPFPT.A
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5270IPFPT.A Datasheet HTML 17Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 18Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 19Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 20Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 21Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 22Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 23Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 24Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
RESET
POWER-DOWN MODE
LAYOUT OF PCB WITH PowerPAD
CONNECTING HIGH-SPEED,
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
It is recommended that the isolation be maintained
onboard by using separate supplies to drive AVDD
After the supplies have stabilized, it is necessary to
and LVDD, as well as separate ground planes for
give the device an active RESET pulse. This results
AVSS and LVSS.
in all internal registers resetting to their default value
The use of LVDS buffers reduces the injected noise
of 0 (inactive). Without a reset, it is possible that
considerably,
compared
to
CMOS
buffers.
The
some registers may be in their non-default state on
current in the LVDS buffer is independent of the
power-up. This may cause the device to malfunction.
direction of switching. Also, the low output swing as
When a reset is active, the device outputs ‘0’ code on
well as the differential nature of the LVDS buffer
all channels. However, the LVDS output clocks are
results in low-noise coupling.
unaffected by reset.
THERMALLY-ENHANCED PACKAGES
The ADS5270 has a power-down pin, referred to as
PD. Pulling PD high causes the device to enter the
The ADS5270 is housed in an 80-lead PowerPAD
power-down mode. In this mode, the reference and
thermally-enhanced package. To make optimum use
clock circuitry, as well as all the channels, are
of
the
thermal
efficiencies
designed
into
the
powered down. Device power consumption drops to
PowerPAD package, the printed circuit board (PCB)
less than 100mW in this mode. In power-down mode,
must be designed with this technology in mind.
the internal buffers driving REFT and REFB are
Please refer to SLMA004 PowerPAD brief PowerPAD
tri-stated and their outputs are forced to a voltage
Made Easy (refer to our web site at www.ti.com),
roughly equal to half of the voltage on AVDD. Speed
which addresses the specific considerations required
of recovery from power-down mode depends on the
when integrating a PowerPAD package into a PCB
value of the external capacitance on the REFT and
design. For more detailed information, including
REFB pins. For capacitances on REFT and REFB less
thermal modeling and repair procedures, please see
than 1
µF, the reference voltages settle to within 1%
the
technical
brief
SLMA002,
PowerPAD
of their steady-state values in less than 500
µs.
Thermally-Enhanced Package (www.ti.com).
Individual channels can also be selectively powered
Interfacing High-Speed LVDS Outputs (SBOA104),
down by programming registers.
an application report discussing the design of a
The ADS5270 also has an internal circuit that
simple deserializer that can deserialize LVDS outputs
monitors the state of stopped clocks. If ADCLK is
up to 840Mbps, can also be found on the TI web site
stopped for longer than 300ns (or if it runs at a speed
(www.ti.com).
less than 3MHz), this monitoring circuit generates a
logic signal
that
puts
the
device
in
a
partial
power-down
state.
As
a
result,
the
power
MULTI-CHANNEL ADCs TO XILINX FPGAs
consumption of the device is reduced when ADCLK is
A separate application note (XAPP774) describing
stopped.
The
recovery
from
such
a
partial
how to connect TI's high-speed, multi-channel ADCs
power-down takes
approximately
100
µs; this is
with serial LVDS outputs to Xilinx FPGAs can be
described in Table 2.
downloaded
directly
from
the
Xilinx
web
site
(http://www.xilinx.com).
Table 2. Time Constraints Associated with Device Recovery from Power-Down and Clock Stoppage
DESCRIPTION
TYP
REMARKS
Recovery from power-down mode (PD = 1 to PD = 0).
500
µs
Capacitors on REFT and REFB less than 1µF.
Recovery from momentary clock stoppage ( < 300ns).
10
µs
Recovery from extended clock stoppage ( > 300ns).
100
µs
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com