Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFPT.A Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5270IPFPT.A
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFPT.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5270IPFPT.A Datasheet HTML 16Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 17Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 18Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 19Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 20Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 21Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 22Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 23Page - Texas Instruments ADS5270IPFPT.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
LVDS BUFFERS
NOISE COUPLING ISSUES
External
Termination
Resistor
OUT
P
High
Low
OUT
N
Low
High
ADS5270
SBAS293F – JANUARY 2004 – REVISED JANUARY 2009............................................................................................................................................... www.ti.com
however, is determined by the rising edge of the
with a register programmability that allows it to revert
external clock and is not affected by jitter in the PLL.
to MSB first. The serializer also gives out a 1x clock
In addition to generating a 50% duty cycle clock for
and
a
6x
clock.
The
6x
clock
(denoted
as
the ADC, the PLL also generates a 12x clock that is
LCLKP/LCLKN) is meant to synchronize the capture of
used by the serializer to convert the parallel data from
the LVDS data.
the ADC to a serial stream of bits.
Deskew mode can be enabled as well, using a
The use of the PLL automatically dictates the
register setting. This mode gives out a data stream of
minimum sample rate to be about 20MSPS. The PLL
alternate 0s and 1s and can be used to determine the
also requires the input clock to be free-running. If the
relative delay between the 6x clock and the output
input clock is momentarily stopped (for a duration of
data for optimum capture. A 1x clock is also
less than 300ns) then the PLL would require
generated by the serializer and transmitted through
approximately 10
µs to lock back to the input clock
the LVDS buffer. The 1x clock (referred to as
frequency.
ADCLKP/ADCLKN) is used to determine the start of
the 12-bit data frame. Sync mode (enabled through a
register setting) gives out a data of six 0s followed by
six 1s. Using this mode, the 1x clock can be used to
The LVDS buffer has two current sources, as shown
determine the start of the data frame. In addition to
in Figure 18. OUTP and OUTN are loaded externally
the deskew mode pattern and the sync mode pattern,
by a resistive load that is ideally about 100
Ω.
a custom pattern can be defined by the user and
Depending on whether the data is 0 or 1, the currents
output from the LVDS buffer. The LVDS buffers are
are directed in one direction or the other through the
tri-stated in the power-down mode. The LVDS outputs
resistor. The LVDS buffer has four current settings.
are weakly forced to 1.2V through 10k
Ω resistors
The default current setting is 3.5mA, and provides a
(from each output pin to 1.2V).
differential drop of about ±350mV across the 100
Ω
resistor.
The single-ended output impedance of the LVDS
High-speed mixed signals are sensitive to various
drivers is very high because they are current-source
types of noise coupling. One of the main sources of
driven. If there are excessive reflections from the
noise is the switching noise from the serializer and
receiver, it might be necessary to place a 100
Ω
the output buffers. Maximum care is taken to isolate
termination resistor across the outputs of the LVDS
these noise sources from the sensitive analog blocks.
drivers to minimize the effect of reflections. In such a
As a starting point, the analog and digital domains of
situation, the output current of the LVDS drivers can
the chip are clearly demarcated. AVDD and AVSS
be increased to regain the output swing.
are used to denote the supplies for the analog
sections, while LVDD and LVSS are used to denote
the digital supplies. Care is taken to ensure that there
is minimal interaction between the supply sets within
the
device.
The
extent
of
noise
coupled
and
transmitted from the digital to the analog sections
depends on the following:
1. The
effective
inductances
of
each
of
the
supply/ground sets.
2. The isolation between the digital and analog
supply/ground sets.
Smaller effective inductance of the supply/ground
pins leads to better suppression of the noise. For this
reason,
multiple
pins
are
used
to
drive
each
supply/ground. It is also critical to ensure that the
impedances of the supply and ground lines on board
are kept to the minimum possible values. Use of
ground planes in the board as well as large
decoupling
capacitors
between
the
supply
and
Figure 18. LVDS Buffer
ground lines are necessary to get the best possible
SNR from the device.
The LVDS buffer gets data from a serializer that
takes the output data from each channel and
serializes it into a single data stream. For a clock
frequency of 40MHz, the data rate output of the
serializer is 480Mbps. The data comes out LSB first,
20
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com