Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375-05ACPZ-R71 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5375-05ACPZ-R71
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-05ACPZ-R71 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5375-05ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 23Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 24Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 25Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 26Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 27Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 28Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 29Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADL5375
Rev. 0 | Page 26 of 32
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–6
–4
–2
0
2
4
6
LO DRIVE (dBm)
SYMBOL EVM
COMPOSITE EVM
Table 5. ADF4360-x Family Operating Frequencies
Part
Output Frequency Range (MHz)
ADF4360-0
2400 to 2725
ADF4360-1
2050 to 2450
ADF4360-2
1850 to 2150
ADF4360-3
1600 to 1950
ADF4360-4
1450 to 1750
ADF4360-5
1200 to 1400
ADF4360-6
1050 to 1250
ADF4360-7
350 to 1800
ADF4360-8
65 to 400
TRANSMIT DAC OPTIONS
The AD9779 recommended in the previous sections of this data
sheet is by no means the only DAC that can be used to drive the
ADL5375. There are other appropriate DACs, depending on the
level of performance required. Table 6 lists the dual TxDAC
offered by Analog Devices.
Figure 69. ADL5375-15 Single Carrier W-CDMA Composite and Symbol EVM
vs. LO Drive at 2140 MHz; Output Power = −10 dBm
The EVM exhibits moderate improvements with an increase in
the LO drive.
LO GENERATION USING PLLS
Table 6. Dual TxDAC Selection
Part
Resolution (Bits)
Update Rate (MSPS Minimum)
AD9709
Analog Devices has a line of PLLs that can be used for generating
the LO signal. Table 4 lists the PLLs together with their maximum
frequency and phase noise performance.
8
125
AD9761
10
40
AD9763
10
125
AD9765
Table 4. Analog Devices PLL Selection
12
125
AD9767
Part
Frequency, fIN (MHz)
Phase Noise @ 1 kHz Offset
and 200 kHz PFD (dBc/Hz)
ADF4110
14
125
AD9773
12
160
AD9775
14
160
AD9777
550
−91 @ 540 MHz
ADF4111
16
160
AD9776
1200
−87 @ 900 MHz
ADF4112
12
1000
AD9778
3000
−90 @ 900 MHz
ADF4113
14
1000
AD9779
4000
−91 @ 900 MHz
ADF4116
16
1000
550
−89 @ 540 MHz
ADF4117
1200
−87 @ 900 MHz
ADF4118
All DACs listed have nominal bias levels of 0.5 V and use the
same simple DAC modulator interface that is shown in Figure 60.
3000
−90 @ 900 MHz
The ADF4360-x comes as a family of chips with nine operating
frequency ranges. Choose chips depending on the local
oscillator frequency required. While the use of the integrated
synthesizer may come at the expense of slightly degraded noise
performance from the ADL5375, it can be a cheaper alternative
to a separate PLL and VCO solution. Table 5 shows the options
available.
MODULATOR/DEMODULATOR OPTIONS
Table 7 lists other Analog Devices modulators and demodulators.
Table 7. Modulator/Demodulator Options
Part No.
Modulator/
Demodulator
Frequency
Range (MHz)
Comments
AD8345
Modulator
140 to 1000
AD8346
Modulator
800 to 2500
AD8349
Modulator
700 to 2700
ADL5390
Modulator
20 to 2400
External
quadrature
ADL5385
Modulator
50 to 2200
ADL5370
Modulator
300 to 1000
ADL5371
Modulator
500 to 1500
ADL5372
Modulator
1500 to 2500
ADL5373
Modulator
2300 to 3000
ADL5374
Modulator
3000 to 4000
AD8347
Demodulator
800 to 2700
AD8348
Demodulator
50 to 1000
ADL5387
Demodulator
50 to 2000
AD8340
Vector modulator
700 to 1000
AD8341
Vector modulator
1500 to 2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com