Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5375-05ACPZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5375-05ACPZ-R71
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-05ACPZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5375-05ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5375-05ACPZ-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADL5375
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5375
TOP VIEW
(Not to Scale)
DSOP
LOIP
COMM
LOIN
COMM
NC
VPS1
RFOUT
COMM
NC
COMM
NC
1
3
2
4
5
6
18
16
17
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DSOP
Output Disable. A logic high on this pin disables the RF output. Connect this pin to ground or leave it
floating to enable the output.
2, 5, 8, 11, 12,
14, 17, 19, 20, 23
COMM
Input Common Pins. Connect to the ground plane via a low impedance path.
3, 4
LOIP, LOIN
Local Oscillator Inputs.
Single-ended operation: The LOIP pin is driven from the LO source through an ac-coupling capacitor
while the LOIN pin is ac-coupled to ground through a capacitor.
Differential operation: The LOIP and LOIN pins must be driven differentially through ac-coupling
capacitors in this mode of operation.
6, 7, 13, 15,
NC
No Connect. These pins can be left open or tied to ground.
9, 10, 21, 22
QBBN, QBBP,
IBBP, IBBN
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs should be
dc-biased to the recommended level depending on the version.
ADL5375-05: 500 mV
ADL5375-15: 1500 mV
These inputs should be driven from a low impedance source. Nominal characterized ac signal swing is
500 mV p-p on each pin. This results in a differential drive of 1 V p-p. These inputs are not self-biased
and have to be externally biased.
16
RFOUT
RF Output. Single-ended, 50 Ω internally biased RF output. RFOUT must be ac-coupled to the load.
18, 24
VPS1, VPS2
Positive Supply Voltage Pins. All pins should be connected to the same supply (VS). To ensure adequate
external bypassing, connect 0.1 μF and 1000 pF capacitors between each pin and ground.
EP
Exposed Paddle. Connect to the ground plan via a low impedance path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com