Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8345EB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8345EB
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8345EB Datasheet HTML 5Page - Texas Instruments ADS8345EB Datasheet HTML 6Page - Texas Instruments ADS8345EB Datasheet HTML 7Page - Texas Instruments ADS8345EB Datasheet HTML 8Page - Texas Instruments ADS8345EB Datasheet HTML 9Page - Texas Instruments ADS8345EB Datasheet HTML 10Page - Texas Instruments ADS8345EB Datasheet HTML 11Page - Texas Instruments ADS8345EB Datasheet HTML 12Page - Texas Instruments ADS8345EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ADS8345
SBAS177C
9
www.ti.com
TYPICAL CHARACTERISTICS: +2.7V (Cont.)
At TA = +25°C, +VCC = +2.7V, VREF = +1.25V, fSAMPLE = 100kHz, and fDCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
CHANGE IN GAIN vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
1.0
0.5
0
–0.5
WORST-CASE CHANNEL-TO-CHANNEL
BPZ MATCH vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
1.0
0.9
0.8
0.7
0.6
0.5
WORST-CASE CHANNEL-TO-CHANNEL
GAIN MATCH vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
0.35
0.30
0.25
0.20
COMMON-MODE REJECTION vs FREQUENCY
0.1
1
10
100
Frequency (kHz)
80
70
60
50
40
V
CM = 1Vp-p Sinewave Centered Around VREF
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
140
120
100
80
60
40
20
0
External Clock Disabled
SUPPLY CURRENT vs V
SS
2.5
3.0
3.5
4.0
4.5
5.0
+V
SS (V)
1.5
1.4
1.3
1.2
1.1
1.0
0.9
f
SAMPLE = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com