Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8345EB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8345EB
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB Datasheet(HTML) 1 Page - Texas Instruments

  ADS8345EB Datasheet HTML 1Page - Texas Instruments ADS8345EB Datasheet HTML 2Page - Texas Instruments ADS8345EB Datasheet HTML 3Page - Texas Instruments ADS8345EB Datasheet HTML 4Page - Texas Instruments ADS8345EB Datasheet HTML 5Page - Texas Instruments ADS8345EB Datasheet HTML 6Page - Texas Instruments ADS8345EB Datasheet HTML 7Page - Texas Instruments ADS8345EB Datasheet HTML 8Page - Texas Instruments ADS8345EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
16-Bit, 8-Channel Serial Output Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q BIPOLAR INPUT RANGE
q PIN-FOR-PIN COMPATIBLE WITH THE
ADS7844 AND ADS8344
q SINGLE SUPPLY: 2.7V to 5V
q 8-CHANNEL SINGLE-ENDED OR
4-CHANNEL DIFFERENTIAL INPUT
q UP TO 100kHz CONVERSION RATE
q 85dB SINAD
q SERIAL INTERFACE
q QSOP-20 AND SSOP-20 PACKAGES
DESCRIPTION
The ADS8345 is an 8-channel, 16-bit, sampling
Analog-to-Digital (A/D) converter with a synchronous serial
interface. Typical power dissipation is 8mW at a 100kHz
throughput rate and a +5V supply. The reference voltage
(VREF) can be varied between 500mV and VCC/2, providing a
corresponding input voltage range of
±V
REF. The device
includes a shutdown mode which reduces power dissipation
to under 15
µW. The ADS8345 is ensured down to 2.7V
operation.
Low-power, high-speed, and an onboard multiplexer make
the ADS8345 ideal for battery-operated systems such as
personal digital assistants, portable multi-channel data log-
gers, and measurement equipment. The serial interface also
provides low-cost isolation for remote data acquisition. The
ADS8345 is available in a QSOP-20 or SSOP-20 package
and is ensured over the –40
°C to +85°C temperature range.
CDAC
SAR
Comparator
8-Channel
Multiplexer
Serial
Interface
and
Control
CH4
CH5
CH6
CH7
COM
V
REF
CS
SHDN
D
IN
D
OUT
BUSY
DCLK
CH0
CH1
CH2
CH3
®
ADS8
345
®
ADS8345
ADS8345
SBAS177C – FEBRUARY 2001 – REVISED APRIL 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT EQUIPMENT
q INDUSTRIAL PROCESS CONTROL
q PERSONAL DIGITAL ASSISTANTS
q BATTERY-POWERED SYSTEMS


Similar Part No. - ADS8345EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8345EB TI-ADS8345EB Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345EB TI1-ADS8345EB Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345EB/2K5 TI-ADS8345EB/2K5 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345EBE4 TI1-ADS8345EBE4 Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8345EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com