Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8345EB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8345EB
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8345EB Datasheet HTML 7Page - Texas Instruments ADS8345EB Datasheet HTML 8Page - Texas Instruments ADS8345EB Datasheet HTML 9Page - Texas Instruments ADS8345EB Datasheet HTML 10Page - Texas Instruments ADS8345EB Datasheet HTML 11Page - Texas Instruments ADS8345EB Datasheet HTML 12Page - Texas Instruments ADS8345EB Datasheet HTML 13Page - Texas Instruments ADS8345EB Datasheet HTML 14Page - Texas Instruments ADS8345EB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ADS8345
SBAS177C
11
www.ti.com
FIGURE 2. Methods of Driving the ADS8345—Single-Ended
or Differential.
FIGURE 4. Simplified Diagram of the Analog Input.
FIGURE 3. Single-Ended Input—Common Voltage Range
vs VREF.
0.5
1.0
1.5
2.0
2.5
V
REF (V)
–1
0
1
2
3
4
5
2.8
2.1
V
CC = 5V
Single-Ended Input
0.1
4.9
Converter
+IN
–IN
CH0
CH1
CH2
CH3
A2-A0
(shown 00o
B)
(1)
SGL/DIF
(shown HIGH)
CH4
CH5
CH6
CH7
COM
NOTE: (1) See Truth Tables, Table I,
and Table II for address coding.
FIGURE 5. Differential Input—Common Voltage Range vs VREF.
ADS8345
ADS8345
Single-Ended Input
CHX
COM
CHX+
CHX–
±V
REF
(1)
Differential Input
NOTE: (1) Relative to common-mode voltage.
Common-Mode
Voltage
Common-Mode
Voltage
(typically V
REF)
±
V
REF
(1)
2
V
REF
(1)
2
0.0
1.0
1.5
2.0
2.5
V
REF (V)
4.2
V
CC = 5V
0.8
5.2
0
1
2
3
4
5
Differential Input
0.2
REFERENCE INPUT
The external reference sets the analog input range. The
ADS8345 will operate with a reference in the range of 500mV
to +VCC/2. Keep in mind that the analog input is the differ-
ence between the CHX input and the COM input, as shown
in Figure 4. For example, in the single-ended mode, a 1.25V
reference with the COM pin at VCC/2, the selected input
channel (CH0-CH7) will properly digitize a signal in the range
of (VCC/2 – 1.25V) to (VCC/2 + 1.25V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com