Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT299 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74ACT299
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT299 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT299 Datasheet HTML 2Page - Texas Instruments CD74ACT299 Datasheet HTML 3Page - Texas Instruments CD74ACT299 Datasheet HTML 4Page - Texas Instruments CD74ACT299 Datasheet HTML 5Page - Texas Instruments CD74ACT299 Datasheet HTML 6Page - Texas Instruments CD74ACT299 Datasheet HTML 7Page - Texas Instruments CD74ACT299 Datasheet HTML 8Page - Texas Instruments CD74ACT299 Datasheet HTML 9Page - Texas Instruments CD74ACT299 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4.6 Static Electrical Characteristics, ACT Series
CHARACTERISTICS
TEST CONDITIONS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
+25
-40 to +85
-55 to +125
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
VIH
High-Level Input
Voltage
4.5 to
5.5
2
—
2
—
2
—
V
VIL
Low-Level Input
Voltage
4.5 to
5.5
—
0.8
—
0.8
—
0.8
V
VOH
High-Level Output
Voltage
VIH or VIL
-0.05
4.5
4.4
—
4.4
—
4.4
—
V
-24
4.5
3.94
—
3.8
—
3.7
—
(1) , (2)
-75
5.5
—
—
3.85
__
—
—
-50
5.5
__
__
__
__
3.85
__
VOL
Low-Level Output
Voltage
VIH or VIL
0.05
4.5
—
0.1
—
0.1
—
0.1
V
24
4.5
—
0.36
—
0.44
—
0.5
(1) , (2)
75
5.5
—
—
—
1.65
—
—
50
5.5
—
—
—
—
—
1.65
II
Input Leakage Current
VCC or
GND
5.5
—
±0.1
—
±1
—
±1
μA
IOZ
3-State Leakage
Current
VIH or VIL
VO VCC or
GND
5.5
—
±0.5
—
±5
—
±10
μA
ICC
Quiescent Supply
Current, MSI
VCC or
GND
0
5.5
—
8
—
80
—
160
μA
Additional Quiescent
Supply Current per
Input Pin
VCC-2.1
4.5 to
5.5
—
2.4
—
2.8
—
3
mA
ΔICC
TTL Inputs High
1 Unit Load
(1)
Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to
minimize power dissipation.
(2)
Test verifies a minimum 50-ohm transmission-line-drive capability at +85°C, 75 ohms at + 125°C.
Table 4-1. Act Input Loading Table
INPUT
UNIT LOADS
(1)
299
323
S1.S0, OE1, OE2
0.83
0.83
l/O0 - I/O7, CP, DS0, DS7
0.67
067
MR
1.33
067
(1)
Unit load is ΔlCC limit specified in Static Characteristics Chart,
e.g., 2.4 mA max. @ 25°C.
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC299 CD74AC299 CD74AC323 CD54ACT299 CD74ACT299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com