Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT299 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT299
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT299 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT299 Datasheet HTML 1Page - Texas Instruments CD74ACT299 Datasheet HTML 2Page - Texas Instruments CD74ACT299 Datasheet HTML 3Page - Texas Instruments CD74ACT299 Datasheet HTML 4Page - Texas Instruments CD74ACT299 Datasheet HTML 5Page - Texas Instruments CD74ACT299 Datasheet HTML 6Page - Texas Instruments CD74ACT299 Datasheet HTML 7Page - Texas Instruments CD74ACT299 Datasheet HTML 8Page - Texas Instruments CD74ACT299 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with
Common Parallel I/O Pins
1 Features
Type Features
• Buffered inputs
• Typical propagation delay:
6ns @ V CC = 5V, T A = 25°C, C L = 50pF
Family Features
• SCR-Latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST*/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ± 24mA output drive current
– Fanout to 15 FAST* ICs
– Drives 50ohm transmission lines
2 Description
The RCA CDx4AC299 and CD74AC323 and the
CDx4ACT299 are 3-state, 8-input universal shift/
storage registers with common parallel I/O pins.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC(T)299/
CD74AC323
DW (SOIC, 20)
12.80mm ×
10.3mm
12.80mm × 7.50mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Functional Diagram
*FAST is a Registered Trademark of Fairchild Semiconductor Corp.
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74ACT299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT299 TI-CD74ACT299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
CD74ACT299 TI-CD74ACT299 Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
CD74ACT299M TI-CD74ACT299M Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
CD74ACT299M TI-CD74ACT299M Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
CD74ACT299M96 TI-CD74ACT299M96 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
More results

Similar Description - CD74ACT299

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com