Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT299 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74ACT299
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT299 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74ACT299 Datasheet HTML 5Page - Texas Instruments CD74ACT299 Datasheet HTML 6Page - Texas Instruments CD74ACT299 Datasheet HTML 7Page - Texas Instruments CD74ACT299 Datasheet HTML 8Page - Texas Instruments CD74ACT299 Datasheet HTML 9Page - Texas Instruments CD74ACT299 Datasheet HTML 10Page - Texas Instruments CD74ACT299 Datasheet HTML 11Page - Texas Instruments CD74ACT299 Datasheet HTML 12Page - Texas Instruments CD74ACT299 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
6 Detailed Description
6.1 Overview
The RCA CD54/74AC299 and CD54/74AC323 and the CD54/74ACT299 and CD54/74ACT323 are 3-state,
8-input universal shift/storage registers with common parallel I/O pins. These devices use the RCA ADVANCED
CMOS technology. These registers have four synchronous-operating modes controlled by the two select inputs
as shown in the Mode Select (S0, S1) table. The Mode Select, the Serial Data (DSO, DS7), and the Parallel
Data (l/O0 - l/O7) respond only to the LOW-TO-HIGH transition of the clock (CP) pulse. S0, S1 and Data inputs
must be present one setup time prior to the positive transition of the clock.
With the CD54/74AC/ACT299, the Master Reset (MR) is an asynchronous active-LOW input. When MR is LOW,
the register is cleared regardless of the status of all other inputs With the CD54/74AC/ACT323, the Master Reset
(MR) clears the register in sync with the clock input. The register can be expanded by cascading same units by
tying the serial output (QO) to the serial data (DS7) input of the preceding register, and tying the serial output
(Q7) to the serial data (DSO) input of the following register. Recirculating the (n x 8) bits is accomplished by tying
the Q7 of the last stage to the DSO of the first stage.
The 3-state input/output (I/O) port has three modes of operation:
1. Both Output Enable (ΟΕ1 and OE2) inputs are LOW and S0 or S1 or both are LOW; the data in the register
is present at the eight outputs.
2. When both S0 and S1 are HIGH, I/O terminals are in the high-impedance state but being input ports, ready
for parallel data to be loaded into eight registers with one clock transition regardless of the status of OE1 and
OE2.
3. Either one of the two Output Enable inputs being HIGH will force I/O terminals to be in the off state. It is
noted that each I/O terminal is a 3-state output and a CMOS buffer input.
The CD74AC/ACT299 and CD74AC/ACT323 are supplied in 20-lead dual-in-line plastic packages (E suffix)
and in 20-lead dual-in-line small-outline plastic packages (M suffix). Both package types are operable over
the following temperature ranges: Commercial (0 to 70°C); Industrial (-40 to +85° C); and Extended Industrial/
Military (-55 to +125° C).
The CD54AC/ACT299 and CD54AC/ACT323, available in chip form (H suffix), are operable over the -55 to
+125°C temperature range.
6.2 Functional Block Diagram
Figure 6-1. Functional Diagram
www.ti.com
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: CD54AC299 CD74AC299 CD74AC323 CD54ACT299 CD74ACT299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com