Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT374 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74ACT374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT374 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT374 Datasheet HTML 1Page - Texas Instruments CD74ACT374 Datasheet HTML 2Page - Texas Instruments CD74ACT374 Datasheet HTML 3Page - Texas Instruments CD74ACT374 Datasheet HTML 4Page - Texas Instruments CD74ACT374 Datasheet HTML 5Page - Texas Instruments CD74ACT374 Datasheet HTML 6Page - Texas Instruments CD74ACT374 Datasheet HTML 7Page - Texas Instruments CD74ACT374 Datasheet HTML 8Page - Texas Instruments CD74ACT374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply-voltage
-0.5
6
V
IIK
Input diode current
(VI < -0.5 V or V, > VCC
± 0.5 V)
±20
mA
IOK
Output diode current
VO< -0.5 V or VO> VCC +
0.5 V)
±50
mA
IO
Output source or sink current per output pin
(VO > -0.5 V or VO < VCC
+ 0.5 V)
±50
mA
DC Vcc or ground current (ICC or IGND)
±100
mA(2)
Tstg
Storage temperature
-65
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
For up to 4 outputs per device; add ± 25 mA for each additional output.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-0011
±2000
V
4.3 Recommended Operating Conditions:
For maximum reliability, normal operating conditions should be selected so that operation is always within the following
ranges:
CHARACTERISTIC
MIN
MAX
UNIT
VCC
(1)
Supply-Voltage Range: (For TA = Full Package-Temperature Range)
AC Types
1.5
5.5
V
ACT Types
4.5
5.5
V
VI, VO
Input or Output Voltage
0
VCC
V
TA
Operating Temperature
-55
+125
°C
dt/dv
Input Rise and Fall Slew Rate
at 1.5 V to 3 V (AC Types)
0
50
ns/V
at 3.6 V to 5.5 V (AC Types)
0
20
ns/V
at 4.5 V to 5.5 V (ACT Types)
0
10
ns/V
(1)
Unless otherwise specified, all voltages are referenced to ground.
4.4 Thermal Information
THERMAL METRIC(1)
CDx4AC/ACT374,
CD74AC534
UNIT
DW (SOIC)
N (PDIP)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
101.2
50
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com