Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT374 Datasheet(PDF) 11 Page - Texas Instruments

Part # CD74ACT374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT374 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74ACT374 Datasheet HTML 7Page - Texas Instruments CD74ACT374 Datasheet HTML 8Page - Texas Instruments CD74ACT374 Datasheet HTML 9Page - Texas Instruments CD74ACT374 Datasheet HTML 10Page - Texas Instruments CD74ACT374 Datasheet HTML 11Page - Texas Instruments CD74ACT374 Datasheet HTML 12Page - Texas Instruments CD74ACT374 Datasheet HTML 13Page - Texas Instruments CD74ACT374 Datasheet HTML 14Page - Texas Instruments CD74ACT374 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6 Detailed Description
6.1 Overview
The eight flip-flops of the ’AC374 devices are D-type edge-triggered flip-flops. On the positive transition of the
clock (CLK) input, the Q outputs are set to the logic levels set up at the data (D) inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and the increased drive provide the capability to drive bus lines
in bus-organized systems without need for interface or pullup components.
OE does not affect internal operations of the flip-flop. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
The RCA-CD54/74AC374 and CD54/74AC534 and the CD54/74ACT374 and CD54/74ACT534 octal D-type,
3-state, positive-edge triggered flip-flops use the RCA ADVANCED CMOS technology. The eight flip-flops enter
data into their registers on the LOW-to-HIGH transition of the clock (CP). The Output Enable (OE) controls
the 3-state outputs and is independent of the register operation. When the Output Enable (OE) is HIGH, the
outputs are in the high-impedance state. The CD54/74AC/ACT374 and CD54/74AC/ACT534 share the same
pin configurations, but the CD54/74AC/ACT374 outputs are non-inverted while the CD54/74AC/ACT534 devices
have inverted outputs. (For flow-through pin configurations, see CD54/74AC/ACT564 and CD54/74AC/ACT574.)
The CD74AC/ACT374 and CD74AC/ACT534 are supplied in 20-lead dual-in-line plastic packages (E suffix)
and in 20-lead dual-in-line small-outline plastic packages (M suffix). Both package types are operable over the
following temperature ranges: Commercial (0 to 70°C); Industrial (-40 to +85°C); and Extended Industrial/Military
(-55 to +125°C).
The CD54AC/ACT374 and CD54AC/ACT534, available in chip form (H suffix), are operable over the -55 to
+125°C temperature range.
6.2 Functional Block Diagram
6.3 Device Functional Modes
Table 6-1. Truth Table
INPUTS
OUTPUTS
374
534
OE
CP
Dn
Qn
Qn
L
H
H
L
L
L
L
H
L
L
X
QO
QO
H
X
X
Z
Z
www.ti.com
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com