Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT374 Datasheet(PDF) 12 Page - Texas Instruments

Part # CD74ACT374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT374 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD74ACT374 Datasheet HTML 8Page - Texas Instruments CD74ACT374 Datasheet HTML 9Page - Texas Instruments CD74ACT374 Datasheet HTML 10Page - Texas Instruments CD74ACT374 Datasheet HTML 11Page - Texas Instruments CD74ACT374 Datasheet HTML 12Page - Texas Instruments CD74ACT374 Datasheet HTML 13Page - Texas Instruments CD74ACT374 Datasheet HTML 14Page - Texas Instruments CD74ACT374 Datasheet HTML 15Page - Texas Instruments CD74ACT374 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Typical Application
µC or
System Logic
OE
V
GND
CLK
1D
8D
1Q
8Q
Regulated 3.3 V
µC
System Logic
LEDs
CC
7.1.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create
fast edges into light loads so routing and load conditions should be considered to prevent ringing.
7.1.2 Detailed Design Procedure
1. Recommended Input conditions
• Rise time and fall time specs: See (Δt/ΔV) in Recommended Operating Conditions table.
• Specified high and low levels: See (VIH and VIL) in Recommended Operating Conditions table.
• Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend output conditions
• Load currents should not exceed 50 mA per output and 100 mA total for the part.
• Outputs should not be pulled above VCC.
7.2 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in Section 4.3.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, TI recommends 0.1 µF and if there are multiple VCC terminals, then TI recommends .01 µF or .022 µF
for each power terminal. It is okay to parallel multiple bypass capacitors to reject different frequencies of noise. A
0.1 µF and 1 µF are commonly used in parallel. The bypass capacitor should be installed as close to the power
terminal as possible for best results.
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com