Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA982S6R Datasheet(PDF) 11 Page - Fuji Electric

Part # YA982S6R
Description  SILICON DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982S6R Datasheet(HTML) 11 Page - Fuji Electric

Back Button YA982S6R Datasheet HTML 4Page - Fuji Electric YA982S6R Datasheet HTML 5Page - Fuji Electric YA982S6R Datasheet HTML 6Page - Fuji Electric YA982S6R Datasheet HTML 7Page - Fuji Electric YA982S6R Datasheet HTML 8Page - Fuji Electric YA982S6R Datasheet HTML 9Page - Fuji Electric YA982S6R Datasheet HTML 10Page - Fuji Electric YA982S6R Datasheet HTML 11Page - Fuji Electric YA982S6R Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MS5D3302
11/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
02468
10
12
14
70
80
90
100
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ:Conduction angle of forward current for each rectifier element
IF(AV):Forward current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (IF(AV)-Tc) (max.)
IF(AV) Average Forward Current
(A)
1
10
100
1000
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage (V)
110
100
1
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com