Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA982S6R Datasheet(PDF) 3 Page - Fuji Electric

Part # YA982S6R
Description  SILICON DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982S6R Datasheet(HTML) 3 Page - Fuji Electric

  YA982S6R Datasheet HTML 1Page - Fuji Electric YA982S6R Datasheet HTML 2Page - Fuji Electric YA982S6R Datasheet HTML 3Page - Fuji Electric YA982S6R Datasheet HTML 4Page - Fuji Electric YA982S6R Datasheet HTML 5Page - Fuji Electric YA982S6R Datasheet HTML 6Page - Fuji Electric YA982S6R Datasheet HTML 7Page - Fuji Electric YA982S6R Datasheet HTML 8Page - Fuji Electric YA982S6R Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MS5D3302
3/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
1. SCOPE
This specification provides the ratings and the test requirement for FUJI SILICON DIODE
YA982S6R
2. OUT VIEW, MOLDING RESIN, CHARACTERISTICS
Ordering code
Package type
Out view
Molding resin
Characteristics
YA982S6R
TO-220
Page 9/12
UL:V-0
Page
10/12∼12/12
Bar code label is EIAJ C-3 specification.
Indispensable description items are shown as below.
(1) Type name
(2) Production code
(3) Quantity
(4) Lot №(Date code)
(5) Company code
3.RATINGS
3.1 MAXIMUM RATINGS (at Ta=25℃ unless otherwise specified.)
Item
Symbol
Conditions
Ratings
Units
Repetitive peak reverse voltage
VRRM
600
V
Average output current
Io
50Hz Square wave duty =1/2
Tc = 99℃
10
A
Non-repetitive forward surge current
IFSM
Sine wave, 10ms 1shot
50
A
Operating junction temperature
Tj
150
Storage temperature
Tstg
-40∼+150
3.2 ELECTRICAL CHARACTERISTICS
(at Ta=25℃ unless otherwise specified.)
Item
Symbol
Conditions
Maximum
Units
Forward voltage
VF
IF = 10 A
3.0
V
Reverse current
IR
VR = VRRM
30
μA
Reverse recovery time
trr
IF=0.1A,IR=0.2A,Irec=0.05A
0.028
μs
Thermal resistance
Rth(j-c)
Junction to case
2.0
℃/W
3.3 MECHANICAL CHARACTERISTICS
Mounting torque
Recommended torque
0.3∼0.5
N・m
Approximate mass
2.0
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com