Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA982S6R Datasheet(PDF) 4 Page - Fuji Electric

Part # YA982S6R
Description  SILICON DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982S6R Datasheet(HTML) 4 Page - Fuji Electric

  YA982S6R Datasheet HTML 1Page - Fuji Electric YA982S6R Datasheet HTML 2Page - Fuji Electric YA982S6R Datasheet HTML 3Page - Fuji Electric YA982S6R Datasheet HTML 4Page - Fuji Electric YA982S6R Datasheet HTML 5Page - Fuji Electric YA982S6R Datasheet HTML 6Page - Fuji Electric YA982S6R Datasheet HTML 7Page - Fuji Electric YA982S6R Datasheet HTML 8Page - Fuji Electric YA982S6R Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MS5D3302
4/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
4.TEST AND INSPECTION
4.1 STANDARD TEST CONDITION
Standard test condition is Ta=25℃、65%R.H.
If judgment is no doubt, the test condition is possible to test in normal condition
Ta=5∼35℃、48∼85%R.H.
4.2 STRUCTURE INSPECTION
It inspect with eye and measure, Item 2 shall be satisfied.
4.3 FORWARD AND REVERSE CHARACTERISTICS
It inspect on the standard condition, Item 3.2 shall be satisfied.
4.4 TEST
Test
No.
Test
items
Testing methods and conditions
Reference
standard
EIAJ
ED4701
Sampling
number
Acceptance
number
1
Terminal
strength
(Tensile)
Pull force : 10N
Force maintaining duration :10±1s
EIAJ
ED4701/401
method 1
5
2
Terminal
strength
(Bending)
Load force : 5N
Number of times : 2times(90deg./time)
EIAJ
ED4701/401
method 3
5
3
Mounting
strength
Screwing torque value:(M3) : 40±10N・cm
EIAJ
ED4701/402
method 2
5
4
Vibration
Frequency : 100Hz to 2kHz
Acceleration : 100m/s
2
Sweeping time : 4min./1 cycle
4times for each X, Y&Z directions.
EIAJ
ED4701/403
test code D
5
5
Shock
Peak amplitude : 15km/s
2
Duration time : 0.5ms
3times for each X, Y&Z directions.
EIAJ
ED4701/404
test code D
5
Solder ability 1
Solder : Sn-37Pb
Solder temp. : 235±5℃
Immersion time : 5±0.5s
Apply to flux
EIAJ
ED4701/303
test code A
5
6
Solder ability 2
Solder : Sn-3Ag-0.5Cu
Solder temp. : 245±5℃
Immersion time : 5±0.5s
Apply to flux
5
7
Resistance to
soldering heat
Solder temp. : 260±5°C
Immersion time : 10±1s
Number of times : 1time
EIAJ
ED4701/302
test code A
5
(0 : 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com