Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRYPLC Datasheet(PDF) 1 Page - Industrial Shields

Part # RASPBERRYPLC
Description  CONECTABLE PLC RASPBERRY PI 24 Vcc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INDUSTRIALSHIELDS [Industrial Shields]
Direct Link  https://www.industrialshields.com/
Logo INDUSTRIALSHIELDS - Industrial Shields

RASPBERRYPLC Datasheet(HTML) 1 Page - Industrial Shields

  RASPBERRYPLC Datasheet HTML 1Page - Industrial Shields RASPBERRYPLC Datasheet HTML 2Page - Industrial Shields RASPBERRYPLC Datasheet HTML 3Page - Industrial Shields  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL TYPE
I max.
External power supply
SRAM
Shock resistance
Digital GPIO4 (3.3V ) / Interrupt 31
Expandability
Input Voltage
Power supply voltage
DC power supply
DC power supply
DC power supply
Power supply voltage
Size
Ambient temperature (operating) 0 º to 50 ºC with Raspberry OS Lite
0 º to 45 º with Raspberry OS Desktop
Input rated voltage
Operating voltage range
Communications
Ambient humidity (operating)
10 % to 90 % (no condensation)
Rated Power
Power consumption
Dielectric strength
Ambient environment (operating)
Power supply holding time
Ambient temperature (storage)
Weight
With no corrosive gas
2 ms min.
-20 º to 60 ºC
Raspberry PLC
1.5 A
24 Vdc
2/4/8 GB
I2C - 127 elements 
(x2) RS485 - 32 elements using Modbus RTU
12 to 24 Vdc (Fuse protection (2.5 A) Polarity protection)
12 to 24 Vdc
Check the Measures Table
24 Vdc
11.4 to 25.4 Vdc
50 m/s² in the X, Y and Z direction 3 times each,
complying with the IEC-60068-2-27:2008 standard.
I2C, Ethernet (x2), USB (x4), RS485 (x2 HALF-Duplex), SPI , Wi-Fi,
Bluetooth, Serial TTL,, µSD, RTC, µHDMI (x2)
30 W
30 W MAX
1500 Vac at 50/60 Hz for one minute with a leakage
current of 10 mA max.
CONECTABLE PLC RASPBERRY PI 24 Vcc
Technical Features
General Features
GPIO(x2)
Left side
Upper side 2
Right Side
RaspberryPLCFamilyDatasheet
Review at the Measures Table
Customize up to two additional communication expansions on your
Raspberry PLC and prepare your custom-made project:
x2 EXPANSION BOARDS SLOTS
SARA-R412M-02B-03 4G LTE:
Model: SARA-R412M-02B-03
Type: 2G EGPRS, GSM/4G LTE, M1/NB1 (Narrow-Band)
Key Features: : LTE FDD Bands
(2/3/4/5/8/12/13/20/26/28), 2G Bands (850-1900MHz),
LTE Category M1/NB1, 2G GMSK, 2G 8-PSK, LTE Category M1,
LTE Category NB1, GPRS Multi-slot class 33, EGPRS multi-slot
class 33
Applications: Remote monitoring automation, asset tracking,
surveillance and security, home automation systems, point of
sales terminals etc.
CAN:
Model: MCP2515
Type: CAN V2.0B
Key Features: Speed of 1Mb/s, receive buffers, masks and
filters, data byte filtering on the first two data bytes, three
transmit buffers with prioritization and abort features, high speed
SPI interface (10MHz), etc.
Applications: communication with all kinds of CAN devices and
the protocols that can be applied to this communication method
LoRa:
Model: RN2483 (for Europe/Asia), RN2903 (for NA/Australia)
Type: LoRa
Key Features: On-board LoRaWAN protocol stack, ASCII
command interface over UART, Castellated SMT pads for easy
and reliable PCB mounting, Environmentally friendly, RoHS
compliant, Device Firmware Upgrade (DFU) over UART, etc.
Applications: Automated Meter Reading, Home and Building
Automation, Wireless Alarm and Security System, Industrial
Monitoring and Control, Machine to Machine (M2M), Internet of
Things (IoT), etc.
Digital GPIO8 (3.3V ) / Chip Select (SPI )
PREL A, PRELB
Relay(x1)
48 V max bidirectional
IN1 - OUT1
Digital OPTO
IN2 - OUT2
Power supply current 700 mA


Similar Part No. - RASPBERRYPLC

ManufacturerPart #DatasheetDescription
logo
AG Electronica
RASPBERRYPI-3-MODB-8MP-CA AGELECTRONICA-RASPBERRYPI-3-MODB-8MP-CA Datasheet
761Kb / 6P
RASPBERRY PI 3, Modelo B con camara de 8MP
18/12/2018
logo
List of Unclassifed Man...
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
RASPBERRYPI3-MODB-1GB ETC-RASPBERRYPI3-MODB-1GB Datasheet
1Mb / 4P
Raspberry Pi 3 Starter Kit
More results

Similar Description - RASPBERRYPLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
4D-SERIAL-PI-ADAPTOR ETC2-4D-SERIAL-PI-ADAPTOR Datasheet
1Mb / 5P
4D Raspberry Pi Serial Adaptor
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
logo
SparkFun Electronics
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com