Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRYPLC Datasheet(PDF) 3 Page - Industrial Shields

Part # RASPBERRYPLC
Description  CONECTABLE PLC RASPBERRY PI 24 Vcc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INDUSTRIALSHIELDS [Industrial Shields]
Direct Link  https://www.industrialshields.com/
Logo INDUSTRIALSHIELDS - Industrial Shields

RASPBERRYPLC Datasheet(HTML) 3 Page - Industrial Shields

  RASPBERRYPLC Datasheet HTML 1Page - Industrial Shields RASPBERRYPLC Datasheet HTML 2Page - Industrial Shields RASPBERRYPLC Datasheet HTML 3Page - Industrial Shields  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
You can contact with us using the best channel for you:
Visit our Channel
Check the user guides
Visit our Blog, Forum or Ticketing system
www.industrialshields.com
support@industrialshields.com
@
Indicates that the equipment is suitable for direct current only; to
identify relevant terminals
Indicates that the equipment is suitable for alternating current
only; to identify relevant terminals
To identify the control by which a pulse is started.
To identify an earth (ground) terminal in cases where neither the
symbol 5018 nor 5019 is explicily required.
To identify the switch by means of which the signal lamp(s) is
(are) switched on or off.
CE marking indicates that a product complies with applicable
European Union regulations
Indicates a potentially hazardous situation which,
if not avoided, could result in death or serious injury
To indicate hazards arising from dangerous voltages
Symbology
Technical Support
How to access to the Raspberry PLC:
-Linux users: using ssh specifying the IP address: 10.10.10.20/24
(eth0) and 10.10.11.20/24 (eth1).
-Windows users: we recommend to use PuTTY ssh client. The IP
address have to be specified: 10.10.10.20/24 (eth0) and
10.10.11.20/24 (eth1).
You can download the latest release of PuTTY here:
https://www.chiark.greenend.org.uk/~sgtatham/putty/latest.html
Unused pins should not be connected. Ignoring the directive may damage the
controller. 
 
Before using this product, it is the responsibility of the user to read the
product’s User Guide and all accompanying documentation.
 
Industrial Shields PLCs must be powered between 12Vdc and 24Vdc. If a
higher voltage is supplied to the equipment can suffer irreversible damage.
 
Maintenance must be performed by qualified personnel familiarized with the
construction, operation, and hazards involved with the control. 
 
Maintenance should be performed with the control out of operation and
disconnected from all sources of power. 
 
The Industrial Shields Family PLCs are Open Type Controllers. It is required
that you install the Raspberry PLC in a housing, cabinet, or electric control
room. Entry to the housing, cabinet, or electric control room should be limited
to authorized personnel.
Inside the housting, cabinet or electric control room, the Industrial Shields
PLC must be at a minimum distance from the rest of the components of a
minimum of 25 cm, it can be severely damaged.
 
Failure to follow these installation requirements could result in severe
personal injury and/or property damage. Always follow these requirements
when installing Raspberry family PLCs. 
 
In case of installation or maintenance of the PLC please follow the
instructions marked in the Installation and Maintenance section on the User
Guide. 
 
Do not disconnect equipment when a flammable or combustible atmosphere
is present.
Disconnection of equipment when a flammable or combustible atmosphere
is present may cause a fire or explosion which could result in death, serious
injury and/or property damage.
Inside the encapsulated, there are supercapacitors if 25F which can be
dangerous. Be careful with them.
This equipment does not include galvanic isolation between the grounds of
the different systems. This means that if an external device or sensor that
shares the same ground reference (GND) with the system is connected, any
potential difference between these grounds could damage the connected
components. To avoid issues with interference, ground loops, or damage to
external equipment, ensure that all connected devices share the same
ground reference or use systems with appropriate isolation. The
recommendations in this case are:
Connection Review: Verify that all ground connections are properly
made and that there are no significant potential differences between
them.
Use of Isolation: Consider using galvanic isolators or isolation
transformers if it is necessary to connect equipment with different
ground references.
Raspberry PLC Access
UPS Shield
This PLC has integrated an UPS Shield, a device which provides an
anti-voltage drop protection system designed to avoid data
corruption when the current is suddenly cut off.
RTC
This PLC has integrated the DS3231 Real Time Clock model which is
powered by a button battery (CR1216 or CR1220).
This PLC family products include an external heater to refrigerate the
CPU and the other components connected internally.
This Ethernet port is configured at 10BT Half-Duplex auto-negotiation
disabled.
Heater
Eth1
Outputs
After a reboot/power disconnection and reconnection, the UPS will
be activated and, until the device is fully initialized again (it will take
some seconds), the outputs will maintain their last activation state.
For more information about that consult the User Guide.
Warnings
Raspberry Board
CPU
I/O control method
Programming language
Raspberry Pi 4 B
Broadcom BCM2711, Quad core Cortex-A72 (ARM
v8) 64-bit SoC @ 1.5GHz
Linux applications: Bash Scripts, Python, C++, Node-
Red and more!.
https://www.raspberrypi.org/
Combination of the cyclic scan and immediate
refresh processing methods.
Performance Specifications
Website



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com