Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRYPLC Datasheet(PDF) 2 Page - Industrial Shields

Part # RASPBERRYPLC
Description  CONECTABLE PLC RASPBERRY PI 24 Vcc
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INDUSTRIALSHIELDS [Industrial Shields]
Direct Link  https://www.industrialshields.com/
Logo INDUSTRIALSHIELDS - Industrial Shields

RASPBERRYPLC Datasheet(HTML) 2 Page - Industrial Shields

  RASPBERRYPLC Datasheet HTML 1Page - Industrial Shields RASPBERRYPLC Datasheet HTML 2Page - Industrial Shields RASPBERRYPLC Datasheet HTML 3Page - Industrial Shields  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Isolated
Input
Notes
1. The "XXX" in the reference number indicates key
specifications:
2. The analog inputs has a 3 % of tolerance.
Main changes compared
to previous versions
Customize up to two additional communication
expansions on your Raspberry PLC and prepare your
custom-made project.
Communication pins upgrade! Now located next to
USB Ports instead of microSD layer.
CAN Bus is not available by default. Select it as
expansion board if required.
No FAN required at RPI PLC V6 family products!
Heater passive elements installed by default.
Improved stability and noise reduction on analog
inputs by modifying the input reference for each
analog input expander (12-bit resolution).
Added in the communications layer:
1 Solid Relay (48 V max)
2 OPTO IN
2 OPTO OUT (fed by VCC ISO and GND ISO).
Improvement of security systems with direct pins to
the Raspberry Pi, such as I2C, UART, and SPI.
Better electronic insulation and PCB layout
optimization.
UPS improvements:
Higher charging voltage allows longer discharge
time during shutdown.
Outputs change their state in a controlled
manner when the equipment is turned off,
avoiding unexpected values at power-on. In case
of restart, outputs retain their state (applies to
default UPS configuration in config.txt).
I/Os Table
Reference Table
Zones Table for Raspberry PLC V6 Family products
Relay output
0
8
0
16
16
8
8
16
0
8
Model
19R+
Digital/Analog
Input*
Digital/Analog
Output*
Digital Isolated
Output
21+
38AR+
38R+
42+
50RRA+
53ARR+
54ARA+
57AAR+
58+
6
10
12
14
8
16
16
14
18
4
7
9
14
11
4
16
16
11
21
2
5
5
10
5
0
10
10
5
15
0
3
6
6
9
6
9
9
9
9
3
Reference
01200XXX0200
01200XXX0700
01200XXX0400
01200XXX0900
01200XXX0300
01200XXX1100
01200XXX0800
01200XXX1000
01200XXX0600
01200XXX0100
57R+
12
6
0
9
24
01200XXX0500
First Character: CPU RAM size (2 = 2 GB, 3 = 4 GB,
4 = 8 GB).
Example:
xxxxx2XXxxxx → 2 GB RAM
xxxxx3XXxxxx → 4 GB RAM
xxxxx4XXxxxx → 8 GB RAM
Second Character: Expansion module on Slot 1.
Third Character: Expansion module on Slot 2.
I/Os Ranges
Analogic I/Os voltage: 0 - 10 Vdc
Digital I/Os voltage: 5 - 24 Vdc (300 mA)
Relay's voltage:
30 Vdc (3A) / 250 Vac (5 A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com