Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM0912-300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM0912-300
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM0912-300 Datasheet(HTML) 1 Page - STMicroelectronics

  AM0912-300 Datasheet HTML 1Page - STMicroelectronics AM0912-300 Datasheet HTML 2Page - STMicroelectronics AM0912-300 Datasheet HTML 3Page - STMicroelectronics AM0912-300 Datasheet HTML 4Page - STMicroelectronics AM0912-300 Datasheet HTML 5Page - STMicroelectronics AM0912-300 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
September 1992
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .500 2LFL (S038)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
15:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 300 W MIN. WITH 7.0 dB GAIN
.
BANDWIDTH 255 MHz
DESCRIPTION
The AM0912-300 avionics power transistor is a
broadband, high peak pulse power device speci-
fically designed for avionics applications requiring
broad bandwidth with moderate duty cycle and
pulse width constraints such as ground/ship based
DME/TACAN.
The AM0912-300 is also designed for specialized
applications where reduced power is provided
under pulse formats utilizing short pulse widths
and high burst or overall duty cycles.
This device is capable of withstanding 15:1 VSWR
mismatch load condition at any phase angle under
full rated conditions.
The AM0912-300 is housed in the unique BIG-
PAC
™ Hermetic Metal/Ceramic package with in-
ternal Input/Output matching structures.
PIN CONNECTION
BRANDING
0912-300
ORDER CODE
AM0912-300
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
≤ 100°C)
940
W
IC
Device Current*
24
A
VCC
Collector-Supply Voltage*
50
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.16
°C/W
*Applies only to rated RF amplifier operation
AM0912-300
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/6


Similar Part No. - AM0912-300

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-300 ASI-AM0912-300 Datasheet
36Kb / 2P
RF POWER TRANSISTOR
REV. B
More results

Similar Description - AM0912-300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com